Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 23 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 23 Page - Sanken electric

Back Button SIM6800M Datasheet HTML 19Page - Sanken electric SIM6800M Datasheet HTML 20Page - Sanken electric SIM6800M Datasheet HTML 21Page - Sanken electric SIM6800M Datasheet HTML 22Page - Sanken electric SIM6800M Datasheet HTML 23Page - Sanken electric SIM6800M Datasheet HTML 24Page - Sanken electric SIM6800M Datasheet HTML 25Page - Sanken electric SIM6800M Datasheet HTML 26Page - Sanken electric SIM6800M Datasheet HTML 27Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
23
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
trace length between the FO and COMx pins.
To avoid the repetition of OCP activations, the
external microcontroller must shut off any input signals
to the IC within an OCP hold time, tP, which occurs after
the internal transistor (QFO) turn-on. tP
is 15 μs where
minimum values of thermal characteristics are taken into
account. (For more details, see Section 12.3.5.) Our
recommendation is to use a
0.001 μF to 0.01 μF filter
capacitor.
12.3 Protection Functions
This section describes the various protection circuits
provided in the SIM6800M series. The protection
circuits include the undervoltage lockout for power
supplies (UVLO), the overcurrent protection (OCP), and
the thermal shutdown (TSD). In case one or more of
these protection circuits are activated, the FO pin
outputs a fault signal; as a result, the external
microcontroller can stop the operations of the three
phases by receiving the fault signal. The external
microcontroller can also shut down the IC operations by
inputting a fault signal to the FO pin.
In the following functional descriptions, “HOx”
denotes a gate input signal on the high-side transistor,
whereas “LOx” denotes a gate input signal on the low-
side transistor..
12.3.1
Fault Signal Output
In case one or more of the following protections are
actuated, an internal transistor, QFO, turns on, then the
FO pin becomes logic low
(≤0.5 V).
1) Low-side undervoltage lockout (UVLO_VCC)
2) Overcurrent protection (OCP)
3) Thermal shutdown (TSD)
While the FO pin is in the low state, all the low-side
transistors turn off. In normal operation, the FO pin
outputs a high signal of 5 V.. The fault signal output
time of the FO pin at OCP activation is the OCP hold
time (tP) of 25
μs (typ.), fixed by a built-in feature of the
IC
itself
(see
Section
12.3.5).
The
external
microcontroller receives the fault signals with its
interrupt pin (INT), and must be programmed to put the
HINx
and
LINx
pins
to
logic
low
within
the
predetermined OCP hold time, tP.
12.3.2
Shutdown Signal Input
The FO pin also acts as the input pin of shutdown
signals. When the FO pin becomes logic low, all the
low-side transistors turn off.
The voltages and pulse widths of the shutdown signals
to be applied between the FO and COMx pins are listed
in Table 12-2.
Table 12-2.
Shutdown Signals
Parameter
High Level Signal
Low Level Signal
Input Voltage
3 V < VIN < 5.5 V
0 V < VIN < 0.5 V
Input Pulse
Width
—
≥6 μs
12.3.3
Undervoltage Lockout for
Power Supply (UVLO)
In case the gate-driving voltages of the output
transistors decrease, their steady-state power dissipations
increase.
This
overheating
condition
may
cause
permanent damage to the IC in the worst case. To
prevent this event, the SIM6800M series has the
undervoltage lockout (UVLO) circuits for both of the
high- and low-side power supplies in the monolithic IC
(MIC).
12.3.3.1. Undervoltage Lockout for
High-side Power Supply
(UVLO_VB)
Figure 12-10 shows operational waveforms of the
undervoltage lockout operation for high-side power
supply (i.e., UVLO_VB).
LINx
HINx
VBx-HSx
HOx
LOx
FO
VBS(OFF)
VBS(ON)
No FO output at
UVLO_VB.
0
0
0
0
0
0
UVLO release
UVLO_VB
operation
About 3 µs
HOx restarts at
positive edge after
UVLO_VB release.
Figure 12-10.
UVLO_VB Operational Waveforms
When the voltage between the VBx and output pins
(VBx–HSx shown in Figure 12-10) decreases to the
Logic Operation Stop Voltage (VBS(OFF), 10.0 V) or less,
the UVLO_VB circuit in the corresponding phase gets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com