Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 31 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 31 Page - Sanken electric

Back Button SIM6800M Datasheet HTML 27Page - Sanken electric SIM6800M Datasheet HTML 28Page - Sanken electric SIM6800M Datasheet HTML 29Page - Sanken electric SIM6800M Datasheet HTML 30Page - Sanken electric SIM6800M Datasheet HTML 31Page - Sanken electric SIM6800M Datasheet HTML 32Page - Sanken electric SIM6800M Datasheet HTML 33Page - Sanken electric SIM6800M Datasheet HTML 34Page - Sanken electric SIM6800M Datasheet HTML 35Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
31
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
15. Performance Curves
15.1 Transient Thermal Resistance Curves
The following graphs represent transient thermal resistance (the ratios of transient thermal resistance), with steady-
state thermal resistance = 1.
Figure 15-1.
Transient Thermal Resistance Curve: SIM681xM
Figure 15-2.
Transient Thermal Resistance Curve: SIM682xM
Figure 15-3.
Transient Thermal Resistance Curve: SIM6818M
0.01
0.10
1.00
0.001
0.01
0.1
1
10
Time (s)
0.01
0.10
1.00
0.001
0.01
0.1
1
10
Time (s)
0.01
0.10
1.00
0.001
0.01
0.1
1
10
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com