Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 32 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 32 Page - Sanken electric

Back Button SIM6800M Datasheet HTML 28Page - Sanken electric SIM6800M Datasheet HTML 29Page - Sanken electric SIM6800M Datasheet HTML 30Page - Sanken electric SIM6800M Datasheet HTML 31Page - Sanken electric SIM6800M Datasheet HTML 32Page - Sanken electric SIM6800M Datasheet HTML 33Page - Sanken electric SIM6800M Datasheet HTML 34Page - Sanken electric SIM6800M Datasheet HTML 35Page - Sanken electric SIM6800M Datasheet HTML 36Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
32
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
15.2 Performance Curves of Control Parts
Figure 15-4 to Figure 15-28 provide performance curves of the control parts integrated in the SIM6800M series,
including variety-dependent characteristics and thermal characteristics. Tj represents the junction temperature of the
control parts.
Table 15-1. Typical Characteristics of Control Parts
Figure Number
Figure Caption
Figure 15-4
Logic Supply Current, ICC vs. TC (INx = 0 V)
Figure 15-5
Logic Supply Current, ICC vs. TC (INx = 5 V)
Figure 15-6
VCCx Pin Voltage, VCC vs. Logic Supply Current, ICC curve
Figure 15-7
Logic Supply Current (1-phase) IBS vs. TC (HINx = 0 V)
Figure 15-8
Logic Supply Current (1-phase) IBS vs. TC (HINx = 5 V)
Figure 15-9
VBx Pin Voltage, VB vs. Logic Supply Current IBS curve (HINx = 0 V)
Figure 15-10
Logic Operation Start Voltage, VBS(ON) vs. TC
Figure 15-11
Logic Operation Stop Voltage, VBS(OFF) vs. TC
Figure 15-12
Logic Operation Start Voltage, VCC(ON) vs. TC
Figure 15-13
Logic Operation Stop Voltage, VCC(OFF) vs. TC
Figure 15-14
UVLO_VB Filtering Time vs. TC
Figure 15-15
UVLO_VCC Filtering Time vs. TC
Figure 15-16
High Level Input Threshold Voltage, VIH vs. TC
Figure 15-17
Low Level Input Threshold Voltage, VIL vs. TC
Figure 15-18
Input Current at High Level (HINx or LINx), IIN vs. TC
Figure 15-19
High-side Turn-on Propagation Delay vs. TC (from HINx to HOx)
Figure 15-20
Low-side Turn-on Propagation Delay vs. TC (from LINx to LOx)
Figure 15-21
Minimum Transmittable Pulse Width for High-side Switching, tHIN(MIN) vs. TC
Figure 15-22
Minimum Transmittable Pulse Width for Low-side Switching, tLIN(MIN) vs. TC
Figure 15-23
SD Pin Filtering Time vs. TC
Figure 15-24
FO Pin Filtering Time vs. TC
Figure 15-25
Current Limit Reference Voltage, VLIM vs. TC
Figure 15-26
OCP Threshold Voltage, VTRIP vs. TC
Figure 15-27
OCP Hold Time, tP vs. TC
Figure 15-28
OCP Blanking Time, tBK(OCP) vs. TC; Current Limit Blanking Time, tBK(OCL) vs. TC
Figure 15-4.
Logic Supply Current, ICC vs. TC
(INx = 0 V)
Figure 15-5.
Logic Supply Current, ICC vs. TC
(INx = 5 V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
VCCx = 15 V, HINx = 0 V, LINx = 0 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
VCCx = 15 V, HINx = 5 V, LINx = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com