Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 16 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 16 Page - Sanken electric

Back Button SIM6800M Datasheet HTML 12Page - Sanken electric SIM6800M Datasheet HTML 13Page - Sanken electric SIM6800M Datasheet HTML 14Page - Sanken electric SIM6800M Datasheet HTML 15Page - Sanken electric SIM6800M Datasheet HTML 16Page - Sanken electric SIM6800M Datasheet HTML 17Page - Sanken electric SIM6800M Datasheet HTML 18Page - Sanken electric SIM6800M Datasheet HTML 19Page - Sanken electric SIM6800M Datasheet HTML 20Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
16
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
9.
Typical Applications
CR filters and Zener diodes should be added to your application as needed. This is to protect each pin against surge
voltages causing malfunctions, and to avoid the IC being used under the conditions exceeding the absolute maximum
ratings where critical damage is inevitable. Then, check all the pins thoroughly under actual operating conditions to
ensure that your application works flawlessly.
SD
VCC1
VB1B
VB3
W2
U
FO
COM2
LIN1
LIN2
LIN3
VCC2
COM1
HIN1
HIN2
HIN3
OCL
W1
V1
VBB
V2
OCP
LS3B
LS2
40
LS3A
LS2
V
VB2
VB1A
LS1
CFO
5 V
RFO
RS
RO
CO
VCC
CBOOT1
CBOOT3
CBOOT2
M
CDC
CS
VDC
MIC
3
4
5
6
7
8
9
12
13
14
15
16
17
20
19
1
2
11
21
23
24
26
28
30
31
33
35
37
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
Fault
GND
10
Figure 9-1.
SIM681xM Typical Application Using a Single Shunt Resistor
SD
VCC1
VB1B
VB3
W2
U
FO
COM2
LIN1
LIN2
LIN3
VCC2
COM1
HIN1
HIN2
HIN3
OCL
W1
V1
VBB
V2
OCP
LS3B
LS2
40
LS3A
LS2
V
VB2
VB1A
LS1
CFO
5 V
RFO
VCC
CBOOT1
CBOOT3
CBOOT2
M
CDC
CS
VDC
MIC
3
4
5
6
7
8
9
12
13
14
15
16
17
20
19
11
21
23
24
26
28
30
31
33
35
37
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
Fault
GND
10
RO3
CO3
RS2
RS1
RO2
RO1
CO2
CO1
RS3
2
1
Figure 9-2.
SIM681xM Typical Application Using Three Shunt Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com