Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 27 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 27 Page - Sanken electric

Back Button SIM6800M Datasheet HTML 23Page - Sanken electric SIM6800M Datasheet HTML 24Page - Sanken electric SIM6800M Datasheet HTML 25Page - Sanken electric SIM6800M Datasheet HTML 26Page - Sanken electric SIM6800M Datasheet HTML 27Page - Sanken electric SIM6800M Datasheet HTML 28Page - Sanken electric SIM6800M Datasheet HTML 29Page - Sanken electric SIM6800M Datasheet HTML 30Page - Sanken electric SIM6800M Datasheet HTML 31Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
27
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
● When mounting a heatsink, it is recommended to use
silicone greases. If a thermally conductive sheet or an
electrically insulating sheet is used, package cracks
may be occurred due to creases at screw tightening.
Therefore, you should conduct thorough evaluations
before using these materials.
● When applying a silicone grease, make sure that there
must be no foreign substances between the IC and a
heatsink. Extreme care should be taken not to apply a
silicone grease onto any device pins as much as
possible. The following requirements must be met for
proper grease application:
- Grease thickness: 100 µm
- Heatsink flatness: ±100 µm
- Apply silicone grease within the area indicated in
Figure 13-2, below.
Heatsink
Thermal silicone
grease application area
1.25
1.25
31.3
Unit: mm
7.4
7.4
M2.5
M2.5
Screw hole
Screw hole
Figure 13-2.
Reference Application Area for Thermal
Silicone Grease
13.3 Considerations in IC Characteristics
Measurement
When measuring the breakdown voltage or leakage
current of the transistors incorporated in the IC, note that
the gate and emitter (source) of each transistor should
have the same potential. Moreover, care should be taken
when performing the measurements, because each
transistor is connected as follows:
● All the high-side collectors (drains) are internally
connected to the VBB pin.
● In the U-phase, the high-side emitter (source) and the
low-side collector (drain) are internally connected,
and are also connected to the U pin.
(In the V- and W-phases, the high- and low-side
transistors are unconnected inside the IC.)
The gates of the high-side transistors are pulled down
to the corresponding output (U, V/V1, and W1) pins;
similarly, the gates of the low-side transistors are pulled
down to the COM2 pin.
When measuring the breakdown voltage or leakage
current of the transistors, note that all of the output (U,
V/V1, and W1), LSx, and COMx pins must be
appropriately
connected.
Otherwise
the
switching
transistors may result in permanent damage.
The following are circuit diagrams representing
typical measurement circuits for breakdown voltage:
Figure 13-3 shows the high-side transistor (Q1H) in the
U-phase; Figure 13-4 shows the low-side transistor (Q1L)
in the U-phase. And all the pins that are not represented
in these figures are open.
When measuring the high-side transistors, leave all
the pins not be measured open. When measuring the
low-side transistors, connect the LSx pin to be measured
to the COMx pin, then leave other unused pins open.
W2
U
COM2
COM1
W1
V1
VBB
V2
LS3B
LS2
40
LS3A
LS2
V
LS1
MIC
16
1
2
24
26
33
35
37
19
Q1H
Q1L
Q2L Q3L
Q2H
Q3H
V
11
6
31
28
Figure 13-3.
Typical Measurement Circuit for High-
side Transistor (Q1H) in U-phase
W2
U
COM2
COM1
W1
V1
VBB
V2
LS3B
LS2
40
LS3A
LS2
V
LS1
MIC
16
1
2
24
26
28
33
35
37
19
Q1H
Q1L
Q2L Q3L
Q2H
Q3H
V
11
6
31
Figure 13-4.
Typical Measurement Circuit for Low-
side Transistor (Q1L) in U-phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com