Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 24 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 24 Page - Sanken electric

Back Button SIM6800M Datasheet HTML 20Page - Sanken electric SIM6800M Datasheet HTML 21Page - Sanken electric SIM6800M Datasheet HTML 22Page - Sanken electric SIM6800M Datasheet HTML 23Page - Sanken electric SIM6800M Datasheet HTML 24Page - Sanken electric SIM6800M Datasheet HTML 25Page - Sanken electric SIM6800M Datasheet HTML 26Page - Sanken electric SIM6800M Datasheet HTML 27Page - Sanken electric SIM6800M Datasheet HTML 28Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
24
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
activated and sets an HOx signal to logic low. When the
voltage between the VBx and HSx pins increases to the
Logic Operation Start Voltage (VBS(ON), 10.5 V) or more,
the IC releases the UVLO_VB condition. Then, the HOx
signal becomes logic high at the rising edge of the first
input command after the UVLO_VB release. The FO
pin does not transmit any fault signals during the
UVLO_VB operation. In addition, the VBx pin has an
internal UVLO_VB filter of about 3 μs, in order to
prevent noise-induced malfunctions.
12.3.3.2. Undervoltage Lockout for
Low-side Power Supply
(UVLO_VCC)
Figure 12-11 shows operational waveforms of the
undervoltage lockout operation for low-side power
supply (i.e., UVLO_VCC).
When the VCC2 pin voltage decreases to the Logic
Operation Stop Voltage (VCC(OFF), 11.0 V) or less, the
UVLO_VCC circuit in the corresponding phase gets
activated and sets both of HOx and LOx signals to logic
low. When the VCC2 pin voltage increases to the Logic
Operation Start Voltage (VCC(ON), 11.5 V) or more, the
IC releases the UVLO_VCC condition. Then, the IC
resumes the following transmissions: an LOx signal
according to an LINx pin input command; an HOx
signal according to the rising edge of the first HINx pin
input command after the UVLO_VCC release. During
the UVLO_VCC operation, the FO pin becomes logic
low and sends fault signals. In addition, the VCC2 pin
has an internal UVLO_VCC filter of about 3 μs, in order
to prevent noise-induced malfunctions.
About 3 µs
LINx
HINx
VCC2
HOx
LOx
FO
VCC(OFF)
VCC(ON)
LOx responds to input signal.
0
0
0
0
0
0
UVLO_VCC
operation
Figure 12-11.
UVLO_VCC Operational Waveforms
12.3.4
Overcurrent Limit (OCL)
The overcurrent limit (OCL) is a protection against
relatively low overcurrent conditions. Figure 12-12
shows an internal circuit of the OCP and OCL pins;
Figure 12-13 shows OCL operational waveforms.
When the OCP pin voltage increases to the Current
Limit Reference Voltage (VLIM, 0.6500 V) or more, and
remains in this condition for a period of the Current
Limit Blanking Time (tBK(OCP), 2
μs) or longer, the OCL
circuit is activated. Then, the OCL pin goes logic high.
During the OCL operation, the gate logic levels of the
low-side transistors respond to an input command on the
LINx pin. If the OCL and SD pins are connected on a
PCB, the high-side transistors can be turned off even
during the OCL operation. The SD pin has an internal
filter of about 3.3 μs (typ.).
When the OCP pin voltage falls below VLIM (0.6500
V), the OCL pin logic level becomes low. After the OCL
pin logic has become low, the high-side transistors
remain turned off until the first low-to-high transition on
an HINx input signal occurs (i.e., rising edge triggering).
OCP
COM2
200 k
Ω
U1
2 k
Ω
3
6
OCL
0.65 V
Filter
200 k
Ω
2 k
Ω
10
Figure 12-12.
Internal Circuit of OCP and OCL Pins
LINx
HINx
OCP
HOx
LOx
OCL
(SD)
VLIM
0
0
0
0
0
0
tBK(OCP)
3.3 µs (typ.)
HOx restarts at
positive edge after
OCL release.
Figure 12-13.
OCL Operational Waveforms
(OCL = SD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com