Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 42 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 42 Page - Sanken electric

Back Button SIM6800M Datasheet HTML 38Page - Sanken electric SIM6800M Datasheet HTML 39Page - Sanken electric SIM6800M Datasheet HTML 40Page - Sanken electric SIM6800M Datasheet HTML 41Page - Sanken electric SIM6800M Datasheet HTML 42Page - Sanken electric SIM6800M Datasheet HTML 43Page - Sanken electric SIM6800M Datasheet HTML 44Page - Sanken electric SIM6800M Datasheet HTML 45Page - Sanken electric SIM6800M Datasheet HTML 46Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
42
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
15.4 Allowable Effective Current Curves
The following curves represent allowable effective currents in 3-phase sine-wave PWM driving with parameters such
as typical RDS(ON) or VCE(SAT), and typical switching losses.
Operating conditions: VBB pin input voltage, VDC = 300 V; VCC pin input voltage, VCC = 15 V; modulation index,
M = 0.9; motor power factor, cosθ = 0.8; junction temperature, T
j = 150 °C.
15.4.1
SIM6811M
Figure 15-51.
Allowable Effective Current (fC = 2 kHz): SIM6811M
Figure 15-52.
Allowable Effective Current (fC = 16 kHz): SIM6811M
0.0
0.5
1.0
1.5
2.0
25
50
75
100
125
150
T
C (°C)
f
C = 2 kHz
0.0
0.5
1.0
1.5
2.0
25
50
75
100
125
150
T
C (°C)
f
C = 16 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com