Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 10 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 10 Page - Sanken electric

Back Button SIM6800M Datasheet HTML 6Page - Sanken electric SIM6800M Datasheet HTML 7Page - Sanken electric SIM6800M Datasheet HTML 8Page - Sanken electric SIM6800M Datasheet HTML 9Page - Sanken electric SIM6800M Datasheet HTML 10Page - Sanken electric SIM6800M Datasheet HTML 11Page - Sanken electric SIM6800M Datasheet HTML 12Page - Sanken electric SIM6800M Datasheet HTML 13Page - Sanken electric SIM6800M Datasheet HTML 14Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
10
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
3.4.3
SIM6813M
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Drain-to-Source Leakage Current
IDSS
VDS = 500 V, VIN = 0 V
—
—
100
µA
Drain-to-Source On Resistance
RDS(ON)
ID = 1.5 A, VIN = 5 V
—
1.4
1.7
Ω
Source-to-Drain Diode
Forward
Voltage
VSD
ISD =1.5 A, VIN = 0 V
—
1.0
1.5
V
High-side Switching
Source-to-Drain Diode Reverse
Recovery Time
trr
VDC = 300 V, IC = 1.5 A,
inductive load,
VIN = 0
→5 V or 5→0 V,
Tj = 25 °C
—
170
—
ns
Turn-on Delay Time
td(on)
—
820
—
ns
Rise Time
tr
—
100
—
ns
Turn-off Delay Time
td(off)
—
810
—
ns
Fall Time
tf
—
50
—
ns
Low-side Switching
Source-to-Drain Diode Reverse
Recovery Time
trr
VDC = 300 V, IC = 1.5 A,
inductive load,
VIN = 0
→5 V or 5→0 V,
Tj = 25 °C
—
180
—
ns
Turn-on Delay Time
td(on)
—
760
—
ns
Rise Time
tr
—
130
—
ns
Turn-off Delay Time
td(off)
—
750
—
ns
Fall Time
tf
—
50
—
ns
3.4.4
SIM6880M
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Collector-to-Emitter Leakage
Current
ICES
VCE = 300 V, VIN = 0 V
—
—
1
mA
Collector-to-Emitter Saturation
Voltage
VCE(SAT)
IC = 3.0 A, VIN = 5 V
—
1.85
2.30
V
Diode Forward Voltage
VF
IF = 3.0 A, VIN = 0 V
—
2.0
2.4
V
High-side Switching
Diode Reverse Recovery Time
trr
VDC = 300 V, IC = 3.0 A,
inductive load,
VIN = 0
→5 V or 5→0 V,
Tj = 25 °C
—
100
—
ns
Turn-on Delay Time
td(on)
—
880
—
ns
Rise Time
tr
—
120
—
ns
Turn-off Delay Time
td(off)
—
740
—
ns
Fall Time
tf
—
210
—
ns
Low-side Switching
Diode Reverse Recovery Time
trr
VDC = 300 V, IC = 3.0 A,
inductive load,
VIN = 0
→5 V or 5→0 V,
Tj = 25 °C
—
100
—
ns
Turn-on Delay Time
td(on)
—
820
—
ns
Rise Time
tr
—
140
—
ns
Turn-off Delay Time
td(off)
—
660
—
ns
Fall Time
tf
—
200
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com