Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 1 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 1 Page - Sanken electric

  SIM6800M Datasheet HTML 1Page - Sanken electric SIM6800M Datasheet HTML 2Page - Sanken electric SIM6800M Datasheet HTML 3Page - Sanken electric SIM6800M Datasheet HTML 4Page - Sanken electric SIM6800M Datasheet HTML 5Page - Sanken electric SIM6800M Datasheet HTML 6Page - Sanken electric SIM6800M Datasheet HTML 7Page - Sanken electric SIM6800M Datasheet HTML 8Page - Sanken electric SIM6800M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6800M Series
Data Sheet
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
1
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
Description
The SIM6800M series are high voltage 3-phase motor
driver ICs in which transistors, a pre-driver IC (MIC),
and bootstrap circuits (diodes and resistors) are highly
integrated.
These products can run on a 3-shunt current detection
system and optimally control the inverter systems of
small- to medium-capacity motors that require universal
input standards.
Features
● Built-in Bootstrap Diodes with Current Limiting
Resistors (60
Ω)
● CMOS-compatible Input (3.3 V or 5 V)
● Bare Lead Frame: Pb-free (RoHS Compliant)
● Isolation Voltage: 1500 V (for 1 min)
UL-recognized Component (File No.: E118037)
(SIM6880M UL Recognition Pending)
● Fault Signal Output at Protection Activation (FO Pin)
● High-side Shutdown Signal Input (SD Pin)
● Protections Include:
Overcurrent Limit (OCL): Auto-restart
Overcurrent Protection (OCP): Auto-restart
Undervoltage Lockout for Power Supply
High-side (UVLO_VB): Auto-restart
Low-side (UVLO_VCC): Auto-restart
Thermal Shutdown (TSD): Auto-restart
Typical Application (SIM681xM)
SD
VCC1
VB1B
VB3
W2
U
FO
COM2
LIN1
LIN2
LIN3
VCC2
COM1
HIN1
HIN2
HIN3
OCL
W1
V1
VBB
V2
OCP
LS3B
LS2
40
LS3A
LS2
V
VB2
VB1A
LS1
CFO
5 V
RFO
RS
RO
CO
VCC
CBOOT1
CBOOT3
CBOOT2
M
CDC
CS
VDC
MIC
3
4
5
6
7
8
9
12
13
14
15
16
17
1
2
11
21
23
24
26
28
30
31
33
35
37
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
Fault
GND
10
20
19
Package
DIP40
Mold Dimensions: 36.0 mm × 14.8 mm × 4.0 mm
Leadform 2971
Not to scale
Selection Guide
VDSS/VCES
IO
Feature
Part
Number
500 V
2.0 A
Power MOSFET
SIM6811M
2.5 A
SIM6812M
3.0 A
SIM6813M
600 V
3.0 A
IGBT with FRD,
low switching
dissipation
SIM6880M
5.0 A
SIM6822M
SIM6827M
Applications
For motor drives such as:
● Refrigerator Compressor Motor
● Fan Motor and Pump Motor for Washer and Dryer
● Fan Motor for Air Conditioner, Air Purifier, and
Electric Fan
40
1
20
21


Similar Part No. - SIM6800M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SIM6800M ALLEGRO-SIM6800M Datasheet
317Kb / 16P
High Voltage 3-Phase Motor Driver ICs
More results

Similar Description - SIM6800M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-7600 SANKEN-SI-7600 Datasheet
41Kb / 5P
3-Phase Stepper Motor Driver ICs
logo
Allegro MicroSystems
SIM6800M ALLEGRO-SIM6800M Datasheet
317Kb / 16P
High Voltage 3-Phase Motor Driver ICs
logo
Sanken electric
SCM1200MF SANKEN-SCM1200MF Datasheet
1Mb / 60P
500V / 600V High Voltage Three-phase Motor Driver ICs
SIM6812M SANKEN-SIM6812M Datasheet
553Kb / 16P
High Voltage 3-Phase Motor Driver ICs
SMA6852MZ SANKEN-SMA6852MZ Datasheet
615Kb / 13P
High Voltage 3-Phase Motor Driver ICs
SCM1270MF SANKEN-SCM1270MF Datasheet
1Mb / 53P
600V High Voltage 3-phase Motor Driver ICs
SIM6880M SANKEN-SIM6880M Datasheet
2Mb / 52P
500V / 600V High Voltage 3-phase Motor Driver ICs
SPI-6631M SANKEN-SPI-6631M Datasheet
82Kb / 2P
Low Voltage 3-Phase Brushless Motor Driver ICs
SX1A5201E1S SANKEN-SX1A5201E1S Datasheet
811Kb / 34P
500V High Voltage 3-phase Motor Driver IC
SMA685XM SANKEN-SMA685XM Datasheet
615Kb / 13P
High Voltage 3-Phase Motor Driver ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com