Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 25 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 25 Page - Sanken electric

Back Button SIM6800M Datasheet HTML 21Page - Sanken electric SIM6800M Datasheet HTML 22Page - Sanken electric SIM6800M Datasheet HTML 23Page - Sanken electric SIM6800M Datasheet HTML 24Page - Sanken electric SIM6800M Datasheet HTML 25Page - Sanken electric SIM6800M Datasheet HTML 26Page - Sanken electric SIM6800M Datasheet HTML 27Page - Sanken electric SIM6800M Datasheet HTML 28Page - Sanken electric SIM6800M Datasheet HTML 29Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
25
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
12.3.5
Overcurrent Protection (OCP)
The overcurrent protection (OCP) is a protection
against large inrush currents (i.e., high di/dt). Figure
12-14 is an internal circuit diagram describing the OCP
pin and its peripheral circuit.
The OCP pin detects overcurrents with the input
voltages across external shunt resistors, RSx. Because the
OCP pin is internally pulled down, the OCP pin voltage
increases proportionally to a rise in the currents running
through the shunt resistors, RSx.
Figure 12-15 is a timing chart that represents
operation waveforms during OCP operation. When the
OCP pin voltage increases to the OCP Threshold
Voltage (VTRIP, 1.0 V) or more, and remains in this
condition for a period of the OCP Blanking Time (tBK, 2
μs) or longer, the OCP circuit is activated. The enabled
OCP circuit shuts off the low-side transistors and puts
the FO pin into a low state. Then, output current
decreases as a result of the output transistors turn-off.
Even if the OCP pin voltage falls below VTRIP, the IC
holds the FO pin in the low state for a fixed OCP hold
time (tP) of 25
μs (typ.). Then, the output transistors
operate according to input signals.
The OCP is used for detecting abnormal conditions,
such as an output transistor shorted. In case short-circuit
conditions occur repeatedly, the output transistors can be
destroyed. To prevent such event, motor operation must
be controlled by the external microcontroller so that it
can immediately stop the motor when fault signals are
detected.
For proper shunt resistor setting, your application
must meet the following:
● Use the shunt resistor that has a recommended
resistance, RSx (see Section 2).
● Set the OCP pin input voltage to vary within the rated
OCP pin voltages, VOCP (see Section 1).
● Keep the current through the output transistors below
the rated output current (pulse), IOP (see Section 1).
It is required to use a resistor with low internal
inductance because high-frequency switching current
will flow through the shunt resistors, RSx. In addition,
choose a resistor with allowable power dissipation
according to your application.
When you connect a CR filter (i.e., a pair of a filter
resistor, RO, and a filter capacitor, CO) to the OCP pin,
care should be taken in setting the time constants of RO
and CO. The larger the time constant, the longer the time
that the OCP pin voltage rises to VTRIP. And this may
cause
permanent
damage
to
the
transistors.
Consequently, a propagation delay of the IC must be
taken into account when you determine the time
constants. For RO and CO, their time constants must be
set to the values listed in Table 12-3. And place CO as
close as possible to the IC with minimizing a trace
length between the OCP and COMx pins.
Note that overcurrents are undetectable when one or
more of the U, V/V1/V2, and W1/W2 pins or their traces
are shorted to ground (ground fault). In case any of these
pins falls into a state of ground fault, the output
transistors may be destroyed.
VBB
LSx
COM
OCP
COM2
A/D
RSx
ROx
CO
DRSx
VTRIP
200 k
Ω
Blanking
filter
Output SW turn-off
and QFO turn-on
-
+
1.65 µs (typ.)
U1
3
6
28
2 k
Ω
Figure 12-14.
Internal Circuit Diagram of OCP Pin
and Its Peripheral Circuit
LINx
HINx
HOx
LOx
FO
0
0
0
0
0
OCP
VTRIP
tBK
tBK
tP
tBK
0
VLIM
HOx responds to input signal.
FO restarts
automatically after tP.
Figure 12-15.
OCP Operational Waveforms
Table 12-3.
Reference Time Constants for CR Filter
Part Number
Time Constant
(µs)
SIM681x
≤2
SIM682x
SIM688x
≤0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com