Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 48 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 48 Page - Sanken electric

Back Button SIM6800M Datasheet HTML 44Page - Sanken electric SIM6800M Datasheet HTML 45Page - Sanken electric SIM6800M Datasheet HTML 46Page - Sanken electric SIM6800M Datasheet HTML 47Page - Sanken electric SIM6800M Datasheet HTML 48Page - Sanken electric SIM6800M Datasheet HTML 49Page - Sanken electric SIM6800M Datasheet HTML 50Page - Sanken electric SIM6800M Datasheet HTML 51Page - Sanken electric SIM6800M Datasheet HTML 52Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
48
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
15.5 Short Circuit SOAs (Safe Operating Areas)
This section provides the graphs illustrating the short circuit SOAs of the SIM6800M series devices whose output
transistors consist of built-in IGBTs.
Conditions: VDC
≤ 400 V, 13.5 V ≤ VCC ≤ 16.5 V, T
j = 125 °C, 1 pulse.
Figure 15-63.
Short Circuit SOA: SIM6880M
Figure 15-64.
Short Circuit SOA: SIM6822M, SIM6827M
0
10
20
30
40
0
1
2
3
4
5
Pulse Width (µs)
Short Circuit SOA
0
25
50
75
100
0
1
2
3
4
5
Pulse Width (µs)
Short Circuit SOA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com