Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 5 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 5 Page - Sanken electric

  SIM6800M Datasheet HTML 1Page - Sanken electric SIM6800M Datasheet HTML 2Page - Sanken electric SIM6800M Datasheet HTML 3Page - Sanken electric SIM6800M Datasheet HTML 4Page - Sanken electric SIM6800M Datasheet HTML 5Page - Sanken electric SIM6800M Datasheet HTML 6Page - Sanken electric SIM6800M Datasheet HTML 7Page - Sanken electric SIM6800M Datasheet HTML 8Page - Sanken electric SIM6800M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
5
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
2.
Recommended Operating Conditions
Unless specifically noted, COM1 = COM2 = COM.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Remarks
Main Supply Voltage
VDC
VBB–COM
—
300
400
V
Logic Supply Voltage
VCC
VCCx–COM
13.5
15.0
16.5
V
VBS
VB1B–U,
VB2–V,
VB3–W1
13.5
—
16.5
V
Input Voltage
(HINx, LINx, OCP, SD, FO)
VIN
0
—
5.5
V
Minimum Input Pulse Width
tIN(MIN)ON
0.5
—
—
μs
tIN(MIN)OFF
0.5
—
—
μs
Dead Time of Input Signal
tDEAD
1.5
—
—
μs
FO Pin Pull-up Resistor
RFO
3.3
—
10
kΩ
FO Pin Pull-up Voltage
VFO
3.0
—
5.5
V
FO Pin Noise Filter Capacitor
CFO
0.001
—
0.01
μF
Bootstrap Capacitor
CBOOT
1
—
220
μF
Shunt Resistor
RS
IP ≤ 3 A
390
—
—
m
Ω
SIM6811M
IP ≤ 3.75 A
270
—
—
SIM6812M
IP ≤ 4.5 A
270
—
—
SIM6813M
SIM6880M
IP ≤ 7.5 A
150
—
—
SIM6822M
SIM6827M
RC Filter Resistor
RO
—
—
100
Ω
RC Filter Capacitor
CO
1000
—
2200
pF
SIM6822M
SIM6827M
SIM6880M
1000
—
10000
SIM6811M
SIM6812M
SIM6813M
PWM Carrier Frequency
fC
—
—
20
kHz
Operating Case Temperature
TC(OP)
—
—
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com