Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 28 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 28 Page - Sanken electric

Back Button SIM6800M Datasheet HTML 24Page - Sanken electric SIM6800M Datasheet HTML 25Page - Sanken electric SIM6800M Datasheet HTML 26Page - Sanken electric SIM6800M Datasheet HTML 27Page - Sanken electric SIM6800M Datasheet HTML 28Page - Sanken electric SIM6800M Datasheet HTML 29Page - Sanken electric SIM6800M Datasheet HTML 30Page - Sanken electric SIM6800M Datasheet HTML 31Page - Sanken electric SIM6800M Datasheet HTML 32Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
28
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
14. Calculating Power Losses and
Estimating Junction Temperatures
This section describes the procedures to calculate
power losses in switching transistors, and to estimate a
junction temperature. Note that the descriptions listed
here are applicable to the SIM6800M series, which is
controlled by a 3-phase sine-wave PWM driving
strategy.
For quick and easy references, we offer calculation
support tools online. Please visit our website to find out
more.
● DT0026: SIM682xM Calculation Tool
http://www.semicon.sanken-ele.co.jp/en/calc-
tool/sim682xm_caltool_en.html
● DT0027: SIM681xM Calculation Tool
http://www.semicon.sanken-ele.co.jp/en/calc-
tool/sim681xm_caltool_en.html
● DT0030: SIM688xM Calculation Tool
http://www.semicon.sanken-ele.co.jp/en/calc-
tool/sim688xm_caltool_en.html
14.1 IGBT
Total power loss in an IGBT can be obtained by
taking the sum of steady-state loss, PON, and switching
loss, PSW. The following subsections contain the
mathematical procedures to calculate these losses (PON
and PSW) and the junction temperature of all IGBTs
operating.
14.1.1
IGBT Steady-state Loss, PON
Steady-state loss in an IGBT can be computed by
using the VCE(SAT) vs. IC curves, listed in Section 15.3.1.
As expressed by the curves in Figure 14-1, linear
approximations at a range the IC is actually used are
obtained by: VCE(SAT)
= α × I
C
+ β. The values gained by
the above calculation are then applied as parameters in
Equation (4), below. Hence, the equation to obtain the
IGBT steady-state loss, PON, is:
PON= 12π�VCE(SAT)(φ)×IC(φ)×DT×dφ
π
0
=12α�12+43πM×cosθ�IM2
+√2πβ�12+π8M×cosθ�IM. (4)
Where:
VCE(SAT) is the collector-to-emitter saturation voltage of
the IGBT (V),
IC is the collector current of the IGBT (A),
DT is the duty cycle, which is given by
DT=1+M×sin(φ+θ)
2 ,
M is the modulation index (0 to 1),
cosθ is the motor power factor (0 to 1),
IM is the effective motor current (A),
α is the slope of the linear approximation in the
VCE(SAT) vs. IC curve, and
β is the intercept of the linear approximation in the
VCE(SAT) vs. IC curve.
Figure 14-1.
Linear Approximate Equation of
VCE(SAT) vs. IC Curve
14.1.2
IGBT Switching Loss, PSW
Switching loss in an IGBT can be calculated by
Equation (5), letting IM be the effective current value of
the motor:
PSW=√2π×fC×αE×IM×VDC300.
(5)
Where:
fC is the PWM carrier frequency (Hz),
VDC is the main power supply voltage (V), i.e., the
VBB pin input voltage, and
α
E is the slope of the switching loss curve (see Section
15.3.2).
14.1.3
Estimating Junction Temperature
of IGBT
The junction temperature of all IGBTs operating, Tj,
can be estimated with Equation (6):
Tj=R(j−C)Q×{(PON+PSW)×6}+TC. (6)
Where:
R(j-C)Q is the junction-to-case thermal resistance
(°C/W) of all the IGBTs operating, and
TC is the case temperature (°C), measured at the point
y = 0.2051x + 0.8859
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
1.0
2.0
3.0
4.0
5.0
I
C (A)
VCC = 15 V
25
°C
75
°C
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com