Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 33 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 33 Page - Sanken electric

Back Button SIM6800M Datasheet HTML 29Page - Sanken electric SIM6800M Datasheet HTML 30Page - Sanken electric SIM6800M Datasheet HTML 31Page - Sanken electric SIM6800M Datasheet HTML 32Page - Sanken electric SIM6800M Datasheet HTML 33Page - Sanken electric SIM6800M Datasheet HTML 34Page - Sanken electric SIM6800M Datasheet HTML 35Page - Sanken electric SIM6800M Datasheet HTML 36Page - Sanken electric SIM6800M Datasheet HTML 37Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
33
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
Figure 15-6.
VCCx Pin Voltage, VCC vs. Logic
Supply Current, ICC curve
Figure 15-7.
Logic Supply Current (1-phase) IBS vs. TC
(HINx = 0 V)
Figure 15-8.
Logic Supply Current (1-phase) IBS vs.
TC (HINx = 5 V)
Figure 15-9.
VBx Pin Voltage, VB vs. Logic Supply
Current IBS curve (HINx = 0 V)
Figure 15-10.
Logic Operation Start Voltage, VBS(ON)
vs. TC
Figure 15-11.
Logic Operation Stop Voltage, VBS(OFF)
vs. TC
2.6
2.8
3.0
3.2
3.4
3.6
3.8
12
13
14
15
16
17
18
19
20
V
CC (V)
HINx = 0 V, LINx = 0 V
−30
°C
25
°C
125
°C
0
50
100
150
200
250
-30
0
30
60
90
120
150
T
C (°C)
VBx = 15 V, HINx = 0 V
Max.
Typ.
Min.
0
50
100
150
200
250
300
-30
0
30
60
90
120
150
T
C (°C)
VBx = 15 V, HINx = 5 V
Max.
Typ.
Min.
40
60
80
100
120
140
160
180
12
13
14
15
16
17
18
19
20
V
B (V)
VBx = 15 V, HINx = 0 V
−30
°C
25
°C
125
°C
9.5
9.7
9.9
10.1
10.3
10.5
10.7
10.9
11.1
11.3
11.5
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
9.0
9.2
9.4
9.6
9.8
10.0
10.2
10.4
10.6
10.8
11.0
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com