Electronic Components Datasheet Search
  English  ▼

X  

AD9510 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9510 Datasheet HTML 27Page - Analog Devices AD9510 Datasheet HTML 28Page - Analog Devices AD9510 Datasheet HTML 29Page - Analog Devices AD9510 Datasheet HTML 30Page - Analog Devices AD9510 Datasheet HTML 31Page - Analog Devices AD9510 Datasheet HTML 32Page - Analog Devices AD9510 Datasheet HTML 33Page - Analog Devices AD9510 Datasheet HTML 34Page - Analog Devices AD9510 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Data Sheet
AD9510
Rev. C | Page 31 of 56
PLL Analog Lock Detect
An analog lock detect (ALD) signal can be selected. When ALD
is selected, the signal at the STATUS pin is either an open-drain
P-channel (Register 0x08[5:2] = 1100) or an open-drain
N-channel (Register 0x08[5:2] = 0101b).
The analog lock detect signal is true (relative to the selected
mode) with brief false pulses. These false pulses shorten as the
inputs to the PFD are nearer to coincidence and longer as they
are further from coincidence.
To extract a usable analog lock detect signal, an external resistor-
capacitor (RC) network is required to provide an analog filter
with the appropriate RC constant to allow for the discrimina-
tion of a lock condition by an external voltage comparator. A
1 kΩ resistor in parallel with a small capacitance usually fulfills
this requirement. However, some experimentation may be
required to obtain the desired operation.
The analog lock detect function may introduce some spurious
energy into the clock outputs. It is prudent to limit the use of
the ALD when the best possible jitter/phase noise performance
is required on the clock outputs.
Loss of Reference
The AD9510 PLL can warn of a loss of reference signal at
REFIN. The loss of reference monitor internally sets a flag
called LREF. Externally, this signal can be observed in several
ways on the STATUS pin, depending on the PLL MUX control
settings in Register 0x08[5:2]. The LREF alone can be observed
as an active high signal by setting Register 0x08[5:2] = [1010] or
as an active low signal by setting Register 0x08[5:2] = [1111].
The loss of reference circuit is clocked by the signal from the
VCO, which means that there must be a VCO signal present to
detect a loss of reference.
The digital lock detect (DLD) block of the AD9510 requires a
PLL reference signal to be present in order for the digital lock
detect output to be valid. It is possible to have a digital lock
detect indication (DLD = true) that remains true even after a
loss of reference signal. For this reason, the digital lock detect
signal alone cannot be relied upon if the reference has been lost.
To combine the DLD and the LREF into a single signal at the
STATUS pin, set Register 0x08[5:2] = [1101] to obtain a signal
that is the logical OR of the loss of lock (inverse of DLD) and
the loss of reference (LREF) active high. If an active low version
of this same signal is desired, set Register 0x08[5:2] = [1110].
The reference monitor is enabled only after the DLD signal is high
for the number of PFD cycles set by the value in Register 0x07[6:5].
This delay is measured in PFD cycles. The delay ranges from 3 PFD
cycles (default) to 24 PFD cycles. When the reference goes away,
LREF goes true and the charge pump goes into tristate.
User intervention is required to take the part out of this state.
First, Register 0x07[2] = 0b must be written to disable the loss
of reference circuit, taking the charge pump out of tristate and
causing LREF to go false. A second write of Register 0x07[2] = 1
is required to reenable the loss of reference circuit.
Figure 38. Loss of Reference Sequence of Events
PLL LOOP LOCKS
DLD GOES TRUE
LREF IS FALSE
CHECK FOR PRESENCE
OF REFERENCE.
LREF STAYS FALSE IF
REFERENCE IS DETECTED.
CHARGE PUMP
GOES INTO TRISTATE.
LREF SET TRUE.
MISSING
REFERENCE
DETECTED
n PFD CYCLES WITH
DLD TRUE
(n SET BY 0x07[6:5])
WRITE 0x07[2] = 0
LREF SET FALSE
CHARGE PUMP COMES
OUT OF TRISTATE
WRITE 0x07[2] = 1
LOR ENABLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com