Electronic Components Datasheet Search
  English  ▼

X  

AD9510 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9510 Datasheet HTML 13Page - Analog Devices AD9510 Datasheet HTML 14Page - Analog Devices AD9510 Datasheet HTML 15Page - Analog Devices AD9510 Datasheet HTML 16Page - Analog Devices AD9510 Datasheet HTML 17Page - Analog Devices AD9510 Datasheet HTML 18Page - Analog Devices AD9510 Datasheet HTML 19Page - Analog Devices AD9510 Datasheet HTML 20Page - Analog Devices AD9510 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Data Sheet
AD9510
Rev. C | Page 17 of 56
ABSOLUTE MAXIMUM RATINGS
Table 12.
Parameter
Value
VS to GND
−0.3 V to +3.6 V
VCP to GND
−0.3 V to +5.8 V
VCP to VS
−0.3 V to +5.8 V
REFIN, REFINB to GND
−0.3 V to VS + 0.3 V
RSET to GND
−0.3 V to VS + 0.3 V
CPRSET to GND
−0.3 V to VS + 0.3 V
CLK1, CLK1B, CLK2, CLK2B to GND
−0.3 V to VS + 0.3 V
CLK1 to CLK1B
−1.2 V to +1.2 V
CLK2 to CLK2B
−1.2 V to +1.2 V
SCLK, SDIO, SDO, CSB to GND
−0.3 V to VS + 0.3 V
OUT0, OUT1, OUT2, OUT3 to GND
−0.3 V to VS + 0.3 V
OUT4, OUT5, OUT6, OUT7 to GND
−0.3 V to VS + 0.3 V
FUNCTION to GND
−0.3 V to VS + 0.3 V
STATUS to GND
−0.3 V to VS + 0.3 V
Junction Temperature1
150°C
Storage Temperature
−65°C to +150°C
Lead Temperature (10 sec)
300°C
1
See Thermal Characteristics for θJA
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
Thermal impedance measurements were taken on a 4-layer
board in still air in accordance with EIA/JESD51-7.
Table 13. Thermal Resistance
Package
θJA
Unit
64-Lead LFCSP
24
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com