Electronic Components Datasheet Search
  English  ▼

X  

AD9510 Datasheet(PDF) 51 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9510 Datasheet HTML 47Page - Analog Devices AD9510 Datasheet HTML 48Page - Analog Devices AD9510 Datasheet HTML 49Page - Analog Devices AD9510 Datasheet HTML 50Page - Analog Devices AD9510 Datasheet HTML 51Page - Analog Devices AD9510 Datasheet HTML 52Page - Analog Devices AD9510 Datasheet HTML 53Page - Analog Devices AD9510 Datasheet HTML 54Page - Analog Devices AD9510 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Data Sheet
AD9510
Rev. C | Page 51 of 56
Reg.
Addr.
(Hex) Bit(s) Name
Description
[3:0] Divider high
Number of clock cycles divider output stays high.
48
OUT0
4A
OUT1
4C
OUT2
4E
OUT3
50
OUT4
52
OUT5
54
OUT6
56
OUT7
[7:4] Divider low
Number of clock cycles divider output stays low.
48
OUT0
4A
OUT1
4C
OUT2
4E
OUT3
50
OUT4
52
OUT5
54
OUT6
56
OUT7
[3:0] Phase offset
Phase offset (default = 0000b).
49
OUT0
4B
OUT1
4D
OUT2
4F
OUT3
51
OUT4
53
OUT5
55
OUT6
57
OUT7
[4]
Start
Selects start high or start low (default = 0b).
49
OUT0
4B
OUT1
4D
OUT2
4F
OUT3
51
OUT4
53
OUT5
55
OUT6
57
OUT7
[5]
Force
Forces individual outputs to the state specified in start (see the previous section of this table). This
function requires that Nosync (see the next section of this table) also be set (default = 0b).
49
OUT0
4B
OUT1
4D
OUT2
4F
OUT3
51
OUT4
53
OUT5
55
OUT6
57
OUT7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com