Electronic Components Datasheet Search
  English  ▼

X  

AD9510 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9510 Datasheet HTML 37Page - Analog Devices AD9510 Datasheet HTML 38Page - Analog Devices AD9510 Datasheet HTML 39Page - Analog Devices AD9510 Datasheet HTML 40Page - Analog Devices AD9510 Datasheet HTML 41Page - Analog Devices AD9510 Datasheet HTML 42Page - Analog Devices AD9510 Datasheet HTML 43Page - Analog Devices AD9510 Datasheet HTML 44Page - Analog Devices AD9510 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Data Sheet
AD9510
Rev. C | Page 41 of 56
Read
If the instruction word is for a read operation (I15 = 1b), the
next N × 8 SCLK cycles clock out the data from the address
specified in the instruction word, where N is 1 to 4 as determined
by W1:W0. The readback data is valid on the falling edge of SCLK.
The default mode of the AD9510 serial control port is unidirec-
tional mode; therefore, the requested data appears on the SDO
pin. It is possible to set the AD9510 to bidirectional mode by
writing the SDO enable register at Register 0x00[7] = 1b. In
bidirectional mode, the readback data appears on the SDIO pin.
A readback request reads the data that is in the serial control
port buffer area, not the active data in the actual control
registers of the AD9510.
Figure 45. Relationship Between Serial Control Port Register Buffers and
Control Registers of the AD9510
The AD9510 uses Address 0x00 to Address 0x5A. Although the
AD9510 serial control port allows both 8-bit and 16-bit instruc-
tions, the 8-bit instruction mode provides access to five address
bits (A4 to A0) only, which restricts its use to the address space
Address 0x00 to Address 0x01. The AD9510 defaults to 16-bit
instruction mode on power-up. The 8-bit instruction mode
(although defined for this serial control port) is not useful for the
AD9510; therefore, it is not discussed further in this data sheet.
THE INSTRUCTION WORD (16 BITS)
The MSB of the instruction word is R/W, which indicates whether
the instruction is a read or a write. The next two bits, W1:W0,
indicate the length of the transfer in bytes. The final 13 bits are
the address (A12:A0) at which to begin the read or write operation.
For a write, the instruction word is followed by the number of
bytes of data indicated by Bits W1:W0, which is interpreted
according to Table 21.
Table 21. Byte Transfer Count
W1
W0
Bytes to Transfer
0
0
1
0
1
2
1
0
3
1
1
Streaming mode
A12:A0
: These 13 bits select the address within the register map
that is written to or read from during the data transfer portion
of the communications cycle. The AD9510 does not use all of
the 13-bit address space. Only Bits[A6:A0] are needed to cover
the range of the Address 0x5A registers used by the AD9510.
Bits[A12:A7] must always be 0b. For multibyte transfers, this
address is the starting byte address. In MSB first mode,
subsequent bytes increment the address.
MSB/LSB FIRST TRANSFERS
The AD9510 instruction word and byte data can be MSB first or
LSB first. The default for the AD9510 is MSB first. Set the LSB
first mode by writing 1b to Register 0x00[6]. This takes effect
immediately (since it only affects the operation of the serial
control port) and does not require that an update be executed.
Immediately after the LSB first bit is set, all serial control port
operations are changed to LSB first order.
When MSB first mode is active, the instruction and data bytes
must be written from MSB to LSB. Multibyte data transfers in
MSB first format start with an instruction byte that includes the
register address of the most significant data byte. Subsequent
data bytes must follow in order from high address to low
address. In MSB first mode, the serial control port internal
address generator decrements for each data byte of the
multibyte transfer cycle.
When LSB_FIRST = 1b (LSB first), the instruction and data bytes
must be written from LSB to MSB. Multibyte data transfers in
LSB first format start with an instruction byte that includes the
register address of the least significant data byte followed by mul-
tiple data bytes. The serial control port internal byte address
generator increments for each byte of the multibyte transfer cycle.
The AD9510 serial control port register address decrements
from the register address just written toward Address 0x0000
for multibyte input/output operations if the MSB first mode is
active (default). If the LSB first mode is active, the serial control
port register address increments from the address just written
toward Address 0x1FFF for multibyte input/output operations.
Unused addresses are not skipped during multibyte input/output
operations; therefore, it is important to avoid multibyte input/
output operations that would include these addresses.
SCLK
SDIO
SDO
CSB
UPDATE
REGISTERS
0x5A[0]
SERIAL
CONTROL
PORT
AD9510
CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com