Electronic Components Datasheet Search
  English  ▼

X  

AD9510 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9510 Datasheet HTML 48Page - Analog Devices AD9510 Datasheet HTML 49Page - Analog Devices AD9510 Datasheet HTML 50Page - Analog Devices AD9510 Datasheet HTML 51Page - Analog Devices AD9510 Datasheet HTML 52Page - Analog Devices AD9510 Datasheet HTML 53Page - Analog Devices AD9510 Datasheet HTML 54Page - Analog Devices AD9510 Datasheet HTML 55Page - Analog Devices AD9510 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
AD9510
Data Sheet
Rev. C | Page 52 of 56
Reg.
Addr.
(Hex) Bit(s) Name
Description
[6]
Nosync
Ignore chip-level sync signal (default = 0b).
49
OUT0
4B
OUT1
4D
OUT2
4F
OUT3
51
OUT4
53
OUT5
55
OUT6
57
OUT7
[7]
Bypass divider
Bypass and power down divider logic; route clock directly to output (default = 0b).
49
OUT0
4B
OUT1
4D
OUT2
4F
OUT3
51
OUT4
53
OUT5
55
OUT6
57
OUT7
58
[0]
SYNC detect enable 1 = enable SYNC detect (default = 0b).
58
[1]
SYNC select
1 = raise flag if slow clocks are out-of-sync by 0.5 to 1 high speed clock cycles.
0 (default) = raise flag if slow clocks are out-of-sync by 1 to 1.5 high speed clock cycles.
58
[2]
Soft SYNC
The Soft SYNC bit works the same as the FUNCTION pin when in SYNCB mode, except that the polarity of
this bit is reversed. That is, a high level forces selected outputs into a known state, and a high > low
transition triggers a sync (default = 0b).
58
[3]
Dist ref
power-down
1 = power down the references for the distribution section (default = 0b).
58
[4]
SYNC power-down 1 = power down the SYNC (default = 0b).
58
[6:5] FUNCTION pin
select
[6]
[5]
Function
0
0
RESETB (default)
0
1
SYNCB
1
0
Test only, do not use
1
1
PDB
58
[7]
Not used.
59
[7:0]
Not used.
5A
[0]
Update registers
Writing a 1 to this bit updates all registers and transfers all serial control port register buffer contents to
the control registers on the next rising SCLK edge. This is a self-clearing bit; a 0 does not have to be
written to clear it.
5A
[7:1]
Not used.
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com