Electronic Components Datasheet Search
  English  ▼

X  

AD9510 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9510 Datasheet HTML 3Page - Analog Devices AD9510 Datasheet HTML 4Page - Analog Devices AD9510 Datasheet HTML 5Page - Analog Devices AD9510 Datasheet HTML 6Page - Analog Devices AD9510 Datasheet HTML 7Page - Analog Devices AD9510 Datasheet HTML 8Page - Analog Devices AD9510 Datasheet HTML 9Page - Analog Devices AD9510 Datasheet HTML 10Page - Analog Devices AD9510 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Data Sheet
AD9510
Rev. C | Page 7 of 56
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
PROPAGATION DELAY, CLK-TO-LVDS OUT1
tLVDS
Delay off on OUT5 and OUT6
OUT4, OUT5, OUT6, OUT7
Divide = Bypass
0.99
1.33
1.59
ns
Divide = 2 − 32
1.04
1.38
1.64
ns
Variation with Temperature
0.9
ps/°C
OUTPUT SKEW, LVDS OUTPUTS
Delay off on OUT5 and OUT6
OUT4 to OUT7 on Same Part2
tSKV
−85
+270
ps
OUT5 to OUT6 on Same Part2
tSKV
−175
+155
ps
All LVDS OUTs on Same Part2
tSKV
−175
+270
ps
All LVDS OUTs Across Multiple Parts3
tSKV_AB
450
ps
Same LVDS OUT Across Multiple Parts3
tSKV_AB
325
ps
CMOS
B outputs are inverted, termination = open
Output Rise Time
tRC
681
865
ps
20% to 80%; CLOAD = 3 pF
Output Fall Time
tFC
646
992
ps
80% to 20%; CLOAD = 3 pF
PROPAGATION DELAY, CLK-TO-CMOS OUT1
tCMOS
Delay off on OUT5 and OUT6
Divide = Bypass
1.02
1.39
1.71
ns
Divide = 2 − 32
1.07
1.44
1.76
ns
Variation with Temperature
1
ps/°C
OUTPUT SKEW, CMOS OUTPUTS
Delay off on OUT5 and OUT6
All CMOS OUTs on Same Part2
tSKC
−140
+145
+300
ps
All CMOS OUTs Across Multiple Parts3
tSKC_AB
650
ps
Same CMOS OUT Across Multiple Parts3
tSKC_AB
500
ps
LVPECL-TO-LVDS OUT
Everything the same; different logic type
Output Skew
tSKP_V
0.74
0.92
1.14
ns
LVPECL to LVDS on same part
LVPECL-TO-CMOS OUT
Everything the same; different logic type
Output Skew
tSKP_C
0.88
1.14
1.43
ns
LVPECL to CMOS on same part
LVDS-TO-CMOS OUT
Everything the same; different logic type
Output Skew
tSKV_C
158
353
506
ps
LVDS to CMOS on same part
DELAY ADJUST4
OUT5 (OUT6); LVDS and CMOS
Shortest Delay Range5
Register 0x35, Register 0x39[5:1] = 11111b
Zero Scale
0.05
0.36
0.68
ns
Register 0x36, Register 0x3A[5:1] = 00000b
Full Scale
0.57
0.95
1.32
ns
Register 0x36, Register 0x3A[5:1] = 11000b
Linearity, DNL
0.5
LSB
Linearity, INL
0.8
LSB
Longest Delay Range5
Register 0x35, Register 0x39[5:1] = 00000b
Zero Scale
0.20
0.57
0.95
ns
Register 0x36, Register 0x3A[5:1] = 00000b
Full Scale
7.0
8.0
9.2
ns
Register 0x36, Register 0x3A[5:1] = 11000b
Linearity, DNL
0.3
LSB
Linearity, INL
0.6
LSB
Delay Variation with Temperature
Long Delay Range, 8 ns6
Zero Scale
0.35
ps/°C
Full Scale
−0.14
ps/°C
Short Delay Range, 1 ns6
Zero Scale
0.51
ps/°C
Full Scale
0.67
ps/°C
1
These measurements are for CLK1. For CLK2, add approximately 25 ps.
2
This is the difference between any two similar delay paths within a single device operating at the same voltage and temperature.
3
This is the difference between any two similar delay paths across multiple devices operating at the same voltage and temperature.
4
The maximum delay that can be used is a little less than one half the period of the clock. A longer delay disables the output.
5
Incremental delay; does not include propagation delay.
6
All delays between zero scale and full scale can be estimated by linear interpolation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com