Electronic Components Datasheet Search
  English  ▼

X  

AD9510 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9510 Datasheet HTML 15Page - Analog Devices AD9510 Datasheet HTML 16Page - Analog Devices AD9510 Datasheet HTML 17Page - Analog Devices AD9510 Datasheet HTML 18Page - Analog Devices AD9510 Datasheet HTML 19Page - Analog Devices AD9510 Datasheet HTML 20Page - Analog Devices AD9510 Datasheet HTML 21Page - Analog Devices AD9510 Datasheet HTML 22Page - Analog Devices AD9510 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Data Sheet
AD9510
Rev. C | Page 19 of 56
Pin No.
Mnemonic
Description
28
OUT3B
Complementary LVPECL Output.
29
OUT3
LVPECL Output.
34
OUT2B
Complementary LVPECL Output.
35
OUT2
LVPECL Output.
38
OUT6B
Complementary LVDS/Inverted CMOS Output. OUT6 includes a delay block.
39
OUT6
LVDS/CMOS Output. OUT6 includes a delay block.
42
OUT5B
Complementary LVDS/Inverted CMOS Output. OUT5 includes a delay block.
43
OUT5
LVDS/CMOS Output. OUT5 includes a delay block.
46
OUT4B
Complementary LVDS/Inverted CMOS Output.
47
OUT4
LVDS/CMOS Output.
53
OUT1B
Complementary LVPECL Output.
54
OUT1
LVPECL Output.
57
OUT0B
Complementary LVPECL Output.
58
OUT0
LVPECL Output.
61
RSET
Current Set Resistor to Ground. Nominal value = 4.12 kΩ.
63
CPRSET
Charge Pump Current Set Resistor to Ground. Nominal value = 5.1 kΩ.
EPAD
Exposed Paddle. The exposed paddle on this package is an electrical connection as well as a thermal
enhancement. For the device to function properly, the paddle must be attached to ground, GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com