Electronic Components Datasheet Search
  English  ▼

X  

AD9510 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9510 Datasheet HTML 40Page - Analog Devices AD9510 Datasheet HTML 41Page - Analog Devices AD9510 Datasheet HTML 42Page - Analog Devices AD9510 Datasheet HTML 43Page - Analog Devices AD9510 Datasheet HTML 44Page - Analog Devices AD9510 Datasheet HTML 45Page - Analog Devices AD9510 Datasheet HTML 46Page - Analog Devices AD9510 Datasheet HTML 47Page - Analog Devices AD9510 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
AD9510
Data Sheet
Rev. C | Page 44 of 56
REGISTER MAP AND DESCRIPTION
SUMMARY TABLE
Table 24. AD9510 Register Map
Addr
(Hex)
Parameter
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Def.
Value
(Hex)
Notes
00
Serial
control port
configuration
SDO inactive
(bidirectional
mode)
LSB_
FIRST
Soft
reset
Long
instruction
Not used
10
01
Not used
02
Not used
03
Not used
PLL
PLL starts
in power-
down
04
A counter
Not used
6-Bit A counter[5:0]
00
N divider
(A)
05
B counter
Not used
13-Bit B counter, Bits[12:8], MSB[4:0]
00
N divider
(B)
06
B counter
13-Bit B counter, Bits[7:0], LSB[7:0]
00
N divider
(B)
07
PLL 1
Not used
LOR
LOCK_DEL[6:5]
Not used
LOR
enable
Not used
00
08
PLL 2
Not used
PFD
polarity
PLL mux select[5:2] signal on STATUS pin
CP mode[1:0]
00
09
PLL 3
Not used
CP current[6:4]
Not
used
Reset R
counter
Reset N
counter
Reset All
counters
00
0A
PLL 4
Not used
B
bypass
Not
used
Prescaler P[4:2]
Power-down[1:0]
01
N divider
(P)
0B
R divider
Not used
14-Bit R divider, Bits[13:8], MSB[5:0]
00
R divider
0C
R divider
14-Bit R divider, Bits[13:8], MSB[7:0]
00
R divider
0D
PLL 5
Not used
Digital
lock
det.
enable
Digital
lock
det.
window
Not used
Antibacklash
pulse width[1:0]
00
0E33
Not used
Fine delay
adjust
Fine delays
bypassed
34
Delay
Bypass 5
Not used
Bypass
01
Bypass
delay
35
Delay Full-
Scale 5
Not used
Ramp capacitor[5:3]
Ramp current [2:0]
00
Max. delay
full-scale
36
Delay Fine
Adjust 5
Not used
5-bit fine delay[5:1] (00000b to 11000b)
Must be
0
00
Min. delay
value
37
Not used
04
38
Delay
Bypass 6
Not used
Bypass
01
Bypass
delay
39
Delay Full-
Scale 6
Not used
Ramp capacitor[5:3]
Ramp current[2:0]
00
Max. delay
full-scale
3A
Delay Fine
Adjust 6
Not used
5-bit fine delay[5:1] (00000b to 11000b)
Not
used
00
Min. delay
value
3B
Not used
04
Outputs
3C
LVPECL OUT0
Not used
Output level[3:2]
Power-down[1:0]
0A
Off
3D
LVPECL OUT1
Not used
Output level[3:2]
Power-down[1:0]
08
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com