Electronic Components Datasheet Search
  English  ▼

X  

AD9510 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9510 Datasheet HTML 45Page - Analog Devices AD9510 Datasheet HTML 46Page - Analog Devices AD9510 Datasheet HTML 47Page - Analog Devices AD9510 Datasheet HTML 48Page - Analog Devices AD9510 Datasheet HTML 49Page - Analog Devices AD9510 Datasheet HTML 50Page - Analog Devices AD9510 Datasheet HTML 51Page - Analog Devices AD9510 Datasheet HTML 52Page - Analog Devices AD9510 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Data Sheet
AD9510
Rev. C | Page 49 of 56
Reg.
Addr.
(Hex) Bit(s) Name
Description
[2:0] Ramp current
35
OUT5
The slowest ramp (200 µA) sets the longest full scale of approximately 10 ns.
39
OUT6
[2]
[1]
[0]
Ramp Current (µA)
0
0
0
200
0
0
1
400
0
1
0
600
0
1
1
800
1
0
0
1000
1
0
1
1200
1
1
0
1400
1
1
1
1600
[5:3] Ramp capacitor
Selects the number of capacitors in ramp generation circuit.
35
OUT5
More capacitors
→ slower ramp.
39
OUT6
[5]
[4]
[3]
Number of Capacitors
0
0
0
4 (default)
0
0
1
3
0
1
0
3
0
1
1
2
1
0
0
3
1
0
1
2
1
1
0
2
1
1
1
1
[5:1] Delay fine adjust
36
OUT5
Sets delay within full scale of the ramp; there are 25 steps.
3A
OUT6
00000
→ zero delay (default).
11000
→ maximum delay.
3C
[1:0] Power-down
LVPECL
3D
OUT0
3E
OUT1
3F
OUT2
OUT3
Mode
[1]
[0]
Description
Output
On
0
0
Normal operation.
On
PD1
0
1
Test only—do not use.
Off
PD2
1
0
Safe power-down. Partial power-down; use if output
has load resistors.
Off
PD3
1
1
Total power-down. Use only if output has no
load resistors.
Off
3C
[3:2] Output level LVPECL
3D
OUT0
Output single-ended voltage levels for LVPECL outputs.
3E
OUT1
3F
OUT2
OUT3
[3]
[2]
Output Voltage (mV)
0
0
500
0
1
340
1
0
810 (default)
1
1
660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com