Electronic Components Datasheet Search
  English  ▼

X  

AD9510 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9510 Datasheet HTML 16Page - Analog Devices AD9510 Datasheet HTML 17Page - Analog Devices AD9510 Datasheet HTML 18Page - Analog Devices AD9510 Datasheet HTML 19Page - Analog Devices AD9510 Datasheet HTML 20Page - Analog Devices AD9510 Datasheet HTML 21Page - Analog Devices AD9510 Datasheet HTML 22Page - Analog Devices AD9510 Datasheet HTML 23Page - Analog Devices AD9510 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
AD9510
Data Sheet
Rev. C | Page 20 of 56
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. Power vs. Frequency—LVPECL, LVDS (PLL Off)
Figure 8. CLK1 Smith Chart (Evaluation Board)
Figure 9. CLK2 Smith Chart (Evaluation Board)
Figure 10. Power vs. Frequency—LVPECL, CMOS (PLL Off)
Figure 11. REFIN Smith Chart (Evaluation Board)
OUTPUT FREQUENCY (MHz)
0
800
400
0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
4 LVPECL + 4 LVDS (DIV ON)
4 LVPECL + 4 LVDS (DIV BYPASSED)
4 LVDS ONLY (DIV ON)
4 LVPECL ONLY (DIV ON)
DEFAULT–3 LVPECL + 2 LVDS (DIV ON)
5MHz
CLK1 (EVAL BOARD)
3GHz
5MHz
CLK2 (EVAL BOARD)
3GHz
OUTPUT FREQUENCY (MHz)
0
20
40
60
80
100
120
0.8
1.3
1.2
1.1
1.0
0.9
3 LVPECL + 4 CMOS (DIV ON)
5GHz
REFIN (EVAL BOARD)
3GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com