Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9547 Datasheet HTML 44Page - Analog Devices AD9547 Datasheet HTML 45Page - Analog Devices AD9547 Datasheet HTML 46Page - Analog Devices AD9547 Datasheet HTML 47Page - Analog Devices AD9547 Datasheet HTML 48Page - Analog Devices AD9547 Datasheet HTML 49Page - Analog Devices AD9547 Datasheet HTML 50Page - Analog Devices AD9547 Datasheet HTML 51Page - Analog Devices AD9547 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 106 page
background image
AD9547
Data Sheet
Note that conditional processing is applicable only when down-
loading (see the EEPROM Conditional Processing section).
Automatic EEPROM Download
Following power-up, assertion of the RESET pin, or a soft reset
(Register 0x0000, Bit 5 = 1), if FncInit[7:3] ≠ 0 (see the Initial M0
to M7 Pin Programming section), the instruction sequence stored
in the EEPROM executes automatically with condition =
FncInit[7:3]. In this way, a previously stored set of register values
downloads automatically on power-up or with a hard or soft
reset. See the EEPROM Conditional Processing section for
details regarding conditional processing and the way that it
modifies the download process.
Disabling Accidental Automatic EEPROM Download
It is possible to bypass EEPROM downloading when M3 to M7
are either accidentally left floating or are pulled high. The
following steps ensure that EEPROM loading is bypassed:
1. Register 0x0E10 = 0xFF (end of data).
2. Register 0x0E00 = 0x01 (EEPROM write enable).
3. Register 0x0E02 = 0x01 (save to EEPROM).
4. Wait until Register 0xD00 equals 0x00.
EEPROM Conditional Processing
The condition instructions allow conditional execution of
EEPROM instructions during a download sequence. During
an upload sequence, however, they are stored as is and have
no effect on the upload process.
Note that, during EEPROM downloads, the condition instructions
themselves and the end instruction always execute unconditionally.
Conditional processing makes use of two elements: the condition
(from Condition 1 to Condition 31) and the condition tag board.
The relationships among the condition, the condition tag board,
and the EEPROM controller appear schematically in Figure 50.
Condition is a 5-bit value with 32 possibilities. Condition = 0 is the
null condition. When the null condition is in effect, the EEPROM
controller executes all instructions unconditionally. The remaining
31 possibilities, condition = 1 through condition = 31, modify the
EEPROM controller’s handling of a download sequence.
The condition originates from one of two sources (see Figure 50),
as follows:
•
FncInit, Bits[7:3], which is the state of multifunction pins
M3 to M7 at power-up (see the Initial M0 to M7 Pin
Programming section)
•
Register 0x0E01, Bits[4:0]
If Register 0x0E01, Bits[4:0] ≠ 0, then the condition is the value
stored in Register 0x0E01, Bits[4:0]; otherwise, the condition is
FncInit, Bits[7:3]. Note that a nonzero condition that is present
in Register 0x0E01, Bits[4:0] takes precedence over FncInit,
Bits[7:3].
The condition tag board is a table that is maintained by the
EEPROM controller. When the controller encounters a condition
instruction, it decodes Condition Instruction 0xB1 through Condi-
tion Instruction 0xCF as condition = 1 through condition = 31,
respectively, and tags that particular condition in the condition
tag board. However, Condition Instruction 0xB0 decodes as the
null condition, for which the controller clears the condition tag
board; subsequent download instructions execute unconditionally
(until the controller encounters a new condition instruction).
During download, the EEPROM controller executes or skips
instructions, depending on the value of the condition and the
contents of the condition tag board. Note, however, that condition
instructions and the end instruction always execute uncondi-
tionally during download. If condition = 0, all instructions during
download execute unconditionally. If condition ≠ 0 and there
are any tagged conditions in the condition tag board, the controller
executes instructions only if the condition is tagged.
Rev. G | Page 48 of 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com