Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9547 Datasheet HTML 8Page - Analog Devices AD9547 Datasheet HTML 9Page - Analog Devices AD9547 Datasheet HTML 10Page - Analog Devices AD9547 Datasheet HTML 11Page - Analog Devices AD9547 Datasheet HTML 12Page - Analog Devices AD9547 Datasheet HTML 13Page - Analog Devices AD9547 Datasheet HTML 14Page - Analog Devices AD9547 Datasheet HTML 15Page - Analog Devices AD9547 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 106 page
background image
AD9547
Data Sheet
SERIAL PORT SPECIFICATIONS—I2C MODE
Table 18.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SDA (AS INPUT), SCL
No internal pull-up/pull-down
resistor
Input Logic 1 Voltage
0.7 × DVDD3
V
Input Logic 0 Voltage
0.3 × DVDD3
V
Input Current
−10
+10
µA
For VIN = 10% to 90% of DVDD3
Hysteresis of Schmitt Trigger Inputs
0.015 × DVDD3
V
Pulse Width of Spikes That Must Be
Suppressed by the Input Filter, tSP
50
ns
SDA (AS OUTPUT)
Output Logic 0 Voltage
0.4
V
IO = 3 mA
Output Fall Time from VIHmin to VILmax
20 + 0.1 Cb1
250
ns
10 pF ≤ Cb ≤ 400 pF
TIMING
SCL Clock Rate
400
kHz
Bus Free Time Between a Stop and Start
Condition, tBUF
1.3
µs
Repeated Start Condition Setup Time, tSU;STA
0.6
µs
Repeated Hold Time Start Condition, tHD;STA
0.6
µs
After this period, the first clock
pulse is generated
Stop Condition Setup Time, tSU;STO
0.6
µs
Low Period of the SCL Clock, tLOW
1.3
µs
High Period of the SCL Clock, tHIGH
0.6
µs
SCL/SDA Rise Time, tR
20 + 0.1 Cb1
300
ns
SCL/SDA Fall Time, tF
20 + 0.1 Cb1
300
ns
Data Setup Time, tSU;DAT
100
ns
Data Hold Time, tHD;DAT
100
ns
Capacitive Load for Each Bus Line, Cb1
400
pF
1
Cb is the capacitance (pF) of a single bus line.
Rev. G | Page 12 of 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com