Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 97 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9547 Datasheet HTML 93Page - Analog Devices AD9547 Datasheet HTML 94Page - Analog Devices AD9547 Datasheet HTML 95Page - Analog Devices AD9547 Datasheet HTML 96Page - Analog Devices AD9547 Datasheet HTML 97Page - Analog Devices AD9547 Datasheet HTML 98Page - Analog Devices AD9547 Datasheet HTML 99Page - Analog Devices AD9547 Datasheet HTML 100Page - Analog Devices AD9547 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 106 page
background image
Data Sheet
AD9547
Table 142. Input Reference Status
Address
Bit
Bit Name
Description
0x0D0C
7
Profile selected
The control logic sets this bit when it assigns Ref A to one of the eight profiles.
[6:4]
Selected profile
The index (0 to 7) of the profile assigned to Ref A.
Note that these bits are meaningless unless Bit 7 = 1.
3
Valid
Ref A is valid for use (that is, it is unfaulted, and its validation timer has expired).
2
Fault
Ref A is not valid for use.
1
Fast
If Bit 7 = 1, this bit indicates that the frequency of Ref A is higher than allowed by its profile settings.
If Bit 7 = 0, this bit indicates that the frequency of Ref A is above the maximum input reference
frequency supported by the device.
0
Slow
If Bit 7 = 1, this bit indicates that the frequency of Ref A is lower than allowed by its profile settings.
If Bit 7 = 0, this bit indicates that the frequency of Ref A is below the minimum input reference
frequency supported by the device.
0x0D0D
[7:0]
Same as 0x0D0C but for REF AA instead of REF A.
0x0D0E
[7:0]
Same as 0x0D0C but for REF B instead of REF A.
0x0D0F
[7:0]
Same as 0x0D0C but for REF BB instead of REF A.
0x0D10
[7:0]
Unused
Unused.
0x0D11
[7:0]
0x0D12
[7:0]
0x0D13
[7:0]
Table 143. Holdover History1
Address
Bit
Bit Name
Description
0x0D14
[7:0]
Tuning word
history
Tuning word readback, Bits[7:0].
0x0D15
[7:0]
Tuning word readback, Bits[15:8].
0x0D16
[7:0]
Tuning word readback, Bits[23:16].
0x0D17
[7:0]
Tuning word readback, Bits[31:24].
0x0D18
[7:0]
Tuning word readback, Bits[39:32].
0x0D19
[7:0]
Tuning word readback, Bits[47:40].
1
These registers contain the current 48-bit DDS frequency tuning word generated by the tuning word history logic.
NONVOLATILE MEMORY (EEPROM) CONTROL (REGISTER 0x0E00 TO REGISTER 0x0E03)
Table 144. Write Protect
Address
Bit
Bit Name
Description
0x0E00
[7:2]
Unused
Unused.
1
Half rate mode
EEPROM serial communication rate.
0 (default) = 400 kHz (normal).
1 = 200 kHz.
0
Write enable
EEPROM write enable/protect.
0 (default) = EEPROM is write protected.
1 = EEPROM is write enabled.
Table 145. Condition
Address
Bit
Bit Name
Description
0x0E01
[7:5]
Unused
Unused.
[4:0]
Condition value
When set to a nonzero value (default = 0), these bits establish the condition for EEPROM downloads.
Rev. G | Page 97 of 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com