Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 59 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9547 Datasheet HTML 55Page - Analog Devices AD9547 Datasheet HTML 56Page - Analog Devices AD9547 Datasheet HTML 57Page - Analog Devices AD9547 Datasheet HTML 58Page - Analog Devices AD9547 Datasheet HTML 59Page - Analog Devices AD9547 Datasheet HTML 60Page - Analog Devices AD9547 Datasheet HTML 61Page - Analog Devices AD9547 Datasheet HTML 62Page - Analog Devices AD9547 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 106 page
background image
Data Sheet
AD9547
Rev. G | Page 59 of 106
I/O PROGRAMMING REGISTERS
The register map spans an address range from 0x0000 through
0x0E3F (0 to 3647, decimal). Each address provides access to one
byte (eight bits) of data. Each individual register is identified by its
four-digit hexadecimal address (for example, Register 0x0A10). In
some cases, a group of addresses collectively define a register (for
example, the IRQ mask register consists of Register 0x0209,
Register 0x020A, Register 0x020B, Register 0x020C, Register
0x020D, Register 0x020E, Register 0x020F, and Register 0x0210).
In general, when a group of registers defines a control parameter,
the LSB of the value resides in the D0 position of the register with
the lowest address. The bit weight increases from right to left, from
the lowest register address to the highest register address. For
example, the default value of the incremental phase lock offset step
size register (Address 0x0314 to Address 0x0315) is the 16-bit
hexadecimal number, 0x03E8 (not 0xE803). Note that the
EEPROM storage sequence registers (Address 0x0E10 to Address
0x0E3F) are an exception to this convention (see the EEPROM
Instructions section).
BUFFERED/ACTIVE REGISTERS
There are two broad categories of registers on the AD9547;
buffered and active (see Figure 66). Buffered registers need an I/O
update to apply their contents to the internal device functions. In
contrast, active registers do not require an I/O update to transfer
data between the buffered registers and the internal device
functions. In operation, the user programs as many buffered
registers as desired and then issues an I/O update. The I/O update
is performed by writing to Register 0x0005, Bit 0 = 1 (or by the
external application of the necessary logic level to one of the
multifunction pins previously programmed as an I/O update
input). The contents of the buffered registers that are connected
directly to the internal device functions affect those functions
immediately. The contents of buffered registers that connect to
active registers do not affect the internal device functions until the
I/O update event occurs.
An L in the Opt column of the register map indicates an active
(or live) register. An S or a C in the Opt column of the register
map identifies a buffered register. An S entry means that the I/O
update signal to the active register is synchronized with the serial
port clock or with an input signal driving one of the multifunction
pins. On the other hand, a C entry means that the I/O update signal
to the active register is synchronized with a clock signal derived
from the internal system clock (fS/32), as shown in Figure 66.
When reading back a register that has both buffered and active
contents, Register 0x0004, Bit 0 can be used to select whether to
read back the buffered or active contents. Read-back of the active
contents occurs when Register 0x0004, Bit 0= 0, whereas readback
of the buffered contents occurs when Register 0x0004, Bit 0 = 1.
Note that a read-only active register requires an I/O update before
its contents can be read.
FROM
MULTIFUNCTION
PIN LOGIC
SERIAL
CONTROL
PORT
fS/32
EDGE
DETECT
CS/SDA
SCLK/SCL
SDIO
SDO
5
3
4
2
Figure 66. Buffered and Active Registers
AUTOCLEARING REGISTERS
An A in the Opt column of the register map identifies an auto-
clearing register. Typically, the active value for an autoclearing
register takes effect following an I/O update. The bit is cleared by
the internal device logic upon completion of the prescribed action.
REGISTER ACCESS RESTRICTIONS
Read and write access to the registers may be restricted, depending
on the register in question, the source and direction of access,
and the current state of the device. Each register can be classified
into one or more access types. When more than one type applies,
the most restrictive condition that applies at that time is used.
When access is denied to a register, all attempts to read the register
return a 0 byte, and all attempts to write to the register are ignored.
Access to nonexistent registers is handled in the same way as for
a denied register.
Regular Access
Registers with regular access do not fall into any other category.
Both read and write access to registers of this type can be from
the serial port or the EEPROM controller. However, only one of
these sources can have access to a register at any given time (access
is mutually exclusive). When the EEPROM controller is active,
either in load or store mode, it has exclusive access to the registers.
Read-Only Access
An R in the Opt column of the register map identifies read-only
registers. Access is available at all times, including when the
EEPROM controller is active.
Exclusion from EEPROM Access
An E in the Opt column of the register map identifies a register
with contents that are inaccessible to the EEPROM. That is, the
contents of this type of register cannot be transferred directly to
the EEPROM or vice versa. Note that read-only registers (R) are
inaccessible to the EEPROM, as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com