Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 94 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 94 Page - Analog Devices

Back Button AD9547 Datasheet HTML 90Page - Analog Devices AD9547 Datasheet HTML 91Page - Analog Devices AD9547 Datasheet HTML 92Page - Analog Devices AD9547 Datasheet HTML 93Page - Analog Devices AD9547 Datasheet HTML 94Page - Analog Devices AD9547 Datasheet HTML 95Page - Analog Devices AD9547 Datasheet HTML 96Page - Analog Devices AD9547 Datasheet HTML 97Page - Analog Devices AD9547 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 106 page
background image
AD9547
Data Sheet
Register 0x0A0E to Register 0x0A10—Reference Validation Override Controls
Table 130. Force Validation Timeout1
Address
Bit
Bit Name
Description
0x0A0E
[7:4]
Unused
Unused.
3
Force Timeout BB
Setting this bit emulates timeout of the validation timer for Reference BB.
This is an autoclearing bit.
2
Force Timeout B
Setting this bit emulates timeout of the validation timer for Reference B.
This is an autoclearing bit.
1
Force Timeout AA
Setting this bit emulates timeout of the validation timer for Reference AA.
This is an autoclearing bit.
0
Force Timeout A
Setting this bit emulates timeout of the validation timer for Reference A.
This is an autoclearing bit.
1
All bits in this register are autoclearing.
Table 131. Reference Monitor Override1
Address
Bit
Bit Name
Description
0x0A0F
[7:4]
Unused
Unused.
3
Ref Mon Override BB
Overrides the reference monitor REF fault signal for Reference BB (default = 0, not overridden).
2
Ref Mon Override B
Overrides the reference monitor REF fault signal for Reference B (default = 0, not overridden).
1
Ref Mon Override AA
Overrides the reference monitor REF fault signal for Reference AA (default = 0, not overridden).
0
Ref Mon Override A
Overrides the reference monitor REF fault signal for Reference A (default = 0, not overridden).
1
All bits in this register are autoclearing.
Table 132. Reference Monitor Bypass1
Address
Bit
Bit Name
Description
0x0A10
[7:4]
Unused
Unused.
3
Ref Mon Bypass BB
Bypasses the reference monitor for Reference BB (default = 0, not bypassed).
2
Ref Mon Bypass B
Bypasses the reference monitor for Reference B (default = 0, not bypassed).
1
Ref Mon Bypass AA
Bypasses the reference monitor for Reference AA (default = 0, not bypassed).
0
Ref Mon Bypass A
Bypasses the reference monitor for Reference A (default = 0, not bypassed).
1
All bits in this register are autoclearing.
CLOCK PART SERIAL ID (REGISTER 0x0C00 TO REGISTER 0x0C07)
User programmable EEPROM ID registers.
Table 133. User Defined Identification Registers
Address
Bits
Bit Name
Description
0x0C00
[7:0]
User scratch pad[7:0]
User programmable EEPROM ID registers. These registers enable users to write a unique
code of their choosing to keep track of revisions to the EEPROM register loading. It has no
effect on part operation. The default EEPROM storage sequence must be altered to include
these registers. See the Programming the EEPROM to Include a Clock Part ID section.
0 = default.
0x0C01
[7:0]
User scratch pad[15:8]
0x0C02
[7:0]
User scratch pad[23:16]
0x0C03
[7:0]
User scratch pad[31:24]
0x0C04
[7:0]
User scratch pad[39:32]
0x0C05
[7:0]
User scratch pad[47:40]
0x0C06
[7:0]
User scratch pad[55:48]
0x0C07
[7:0]
User scratch pad[63:56]
Rev. G | Page 94 of 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com