Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9547 Datasheet HTML 52Page - Analog Devices AD9547 Datasheet HTML 53Page - Analog Devices AD9547 Datasheet HTML 54Page - Analog Devices AD9547 Datasheet HTML 55Page - Analog Devices AD9547 Datasheet HTML 56Page - Analog Devices AD9547 Datasheet HTML 57Page - Analog Devices AD9547 Datasheet HTML 58Page - Analog Devices AD9547 Datasheet HTML 59Page - Analog Devices AD9547 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 106 page
background image
AD9547
Data Sheet
Rev. G | Page 56 of 106
I2C SERIAL PORT OPERATION
The I2C interface has the advantage of requiring only two
control pins and is a de facto standard throughout the I2C
industry. However, its disadvantage is programming speed,
which is 400 kbps maximum. The AD9547 I2C port design is
based on the I2C fast mode standard from Philips, so it supports
both the 100 kHz standard mode and the 400 kHz fast mode.
Fast mode imposes a glitch tolerance requirement on the control
signals; that is, the input receivers ignore pulses of less than
50 ns duration.
The AD9547 I2C port consists of a serial data line (SDA) and
a serial clock line (SCL). In an I2C bus system, the AD9547 is
connected to the serial bus (data bus SDA and clock bus SCL)
as a slave device; that is, no clock is generated by the AD9547.
The AD9547 uses direct 16-bit memory addressing instead of
traditional 8-bit memory addressing.
The AD9547 allows for up to seven unique slave devices to occupy
the I2C bus. These are accessed via a 7-bit slave address that is
transmitted as part of an I2C packet. Only the device with a match-
ing slave address responds to subsequent I2C commands. The
device slave address is 1001xxx (the last three bits are determined
by the M0 to M2 pins). The four MSBs (1001) are hardwired,
whereas the three LSBs (xxx, determined by the M0 to M2 pins)
are programmable via the power-up state of the multifunction
pins (see the Initial M0 to M7 Pin Programming section).
I2C Bus Characteristics
A summary of the various I2C protocols appears in Table 35.
Table 35. I2C Bus Abbreviation Definitions
Abbreviation
Definition
S
Start
Sr
Repeated start
P
Stop
A
Acknowledge
A
No acknowledge
W
Write
R
Read
The transfer of data appears graphically in Figure 60. One clock
pulse is generated for each data bit transferred. The data on the
SDA line must be stable during the high period of the clock.
The high or low state of the data line can change only when the
clock signal on the SCL line is low.
DATA LINE
STABLE;
DATA VALID
CHANGE
OF DATA
ALLOWED
SDA
SCL
Figure 60. Valid Bit Transfer
Start/stop functionality appears graphically in Figure 61. The
start condition is characterized by a high-to-low transition on
the SDA line while SCL is high. The start condition is always
generated by the master to initialize data transfer. The stop
condition is characterized by a low-to-high transition on the
SDA line while SCL is high. The stop condition is always
generated by the master to terminate data transfer.
SDA
START CONDITION
STOP CONDITION
SCL
SP
Figure 61. Start and Stop Condition
Every byte on the SDA line must be eight bits long. Each byte
must be followed by an acknowledge bit. Bytes are sent MSB first.
The acknowledge bit (A) is the ninth bit attached to any 8-bit
data byte. An acknowledge bit is always generated by the
receiving device (receiver) to inform the transmitter that the
byte has been received. It is done by pulling the SDA line low
during the ninth clock pulse after each 8-bit data byte.
The no acknowledge bit (A) is the ninth bit attached to any 8-bit
data byte. A no acknowledge bit is always generated by the
receiving device (receiver) to inform the transmitter that the
byte has not been received. It is done by leaving the SDA line
high during the ninth clock pulse after each 8-bit data byte.
12
89
12
3 TO 7
3 TO 7
89
10
SDA
SCL
S
MSB
ACK FROM
SLAVE RECEIVER
ACK FROM
SLAVE RECEIVER
P
Figure 62. Acknowledge Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com