Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 61 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9547 Datasheet HTML 57Page - Analog Devices AD9547 Datasheet HTML 58Page - Analog Devices AD9547 Datasheet HTML 59Page - Analog Devices AD9547 Datasheet HTML 60Page - Analog Devices AD9547 Datasheet HTML 61Page - Analog Devices AD9547 Datasheet HTML 62Page - Analog Devices AD9547 Datasheet HTML 63Page - Analog Devices AD9547 Datasheet HTML 64Page - Analog Devices AD9547 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 106 page
background image
Data Sheet
AD9547
Addr
Opt1
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
0x0211
C
Watchdog
timer
Watchdog timer [15:0] (in ms up to 65,535 ms)
0x00
0x0212
C
0x00
0x0213
S
DAC current
DAC full-scale current[7:0]
0xFF
0x0214
S
DAC
shutdown
Unused
DAC full-scale current[9:8]
0x01
DPLL
0x0300
C
Free-running
frequency
tuning word
Free-running frequency tuning word[47:0]
0x00
0x0301
C
0x00
0x0302
C
0x00
0x0303
C
0x00
0x0304
C
0x00
0x0305
C
0x00
0x0306
A, C
Update TW
Unused
Update TW
0x00
0x0307
C
Pull-in range
lower limit
Pull-in range lower limit[23:0]
0x00
0x0308
C
0x00
0x0309
C
0x00
0x030A
C
Pull-in range
upper limit
Pull-in range upper limit[23:0]
0xFF
0x030B
C
0xFF
0x030C
C
0xFF
0x030D
C
Open-loop
phase offset
Open-loop phase offset word[15:0]
0x00
0x030E
C
0x00
0x030F
C
Fixed closed-
loop phase
lock offset
Fixed phase lock offset[39:0] (in ps; signed)
0x00
0x0310
C
0x00
0x0311
C
0x00
0x0312
C
0x00
0x0313
C
0x00
0x0314
C
Incremental
closed-loop
phase lock
offset step size
Incremental phase lock offset step size[15:0] (in ps/step)
0xE8
0x0315
C
0x03
0x0316
C
Phase slew
rate limit
Phase slew rate limit[15:0] (in ns/sec)
0x00
0x0317
C
0x00
0x0318
C
History
accumulation
timer
History accumulation timer[23:0] (in ms)
0x30
0x0319
C
0x75
0x031A
C
0x00
0x031B
C
History mode
Unused
Single
sample
fallback
Persistent
history
Incremental average[2:0]
0x00
Clock distribution output configuration
0x0400
S
Distribution
settings
Unused
External
distribution
resistor
Receiver
mode
Unused
OUT1
power-
down
OUT0
power-
down
0x0C
0x0401
S
Distribution
enable
Unused
OUT1
enable
OUT0
enable
0x00
0x0402
S
Distribution
synchronizatio
n
Unused
Sync source[1:0]
Unused
OUT1
sync mask
OUT0
sync mask
0x00
0x0403
C
Automatic
synchronizatio
n
Unused
Automatic sync mode[1:0]
0x00
0x0404
S
Distribution
channel
modes
Unused
OUT0
CMOS
phase invert
OUT0
polarity
invert
OUT0
drive
strength
OUT0 mode
0x03
0x0405
S
Unused
OUT1
CMOS
phase invert
OUT1
polarity
invert
OUT1
drive
strength
OUT1 mode
0x03
0x0406
S
Unused
Unused
0x03
0x0407
S
0x03
0x0408
S
Distribution
channel
divider, Q0
Q0[23:0]
0x00
0x0409
S
0x00
0x040A
S
0x00
0x040B
S
Unused
Q0[29:24]
0x00
0x040C
S
Distribution
Q1[23:0]
0x00
Rev. G | Page 61 of 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com