Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 91 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 91 Page - Analog Devices

Back Button AD9547 Datasheet HTML 87Page - Analog Devices AD9547 Datasheet HTML 88Page - Analog Devices AD9547 Datasheet HTML 89Page - Analog Devices AD9547 Datasheet HTML 90Page - Analog Devices AD9547 Datasheet HTML 91Page - Analog Devices AD9547 Datasheet HTML 92Page - Analog Devices AD9547 Datasheet HTML 93Page - Analog Devices AD9547 Datasheet HTML 94Page - Analog Devices AD9547 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 106 page
background image
Data Sheet
AD9547
Table 120. Loop Mode
Address
Bit
Bit Name
Description
0x0A01
7
Unused
Unused.
6
User holdover
Force the device into holdover mode.
0 (default) = normal operation.
1 = force device into holdover mode.
The device functions as though all input references are faulted.
5
User free run
Force the device into free-run mode.
0 (default) = normal operation.
1 = force device into free-run mode.
The free-running frequency tuning word register (Address 0x0300 to Address 0x0305)
specifies the DDS output frequency.
Note that, when user free run is set, it overrides user holdover.
[4:3]
User selection mode
Select the operating mode of the reference switching state machine.
00 (default) = automatic mode. The fully automatic priority-based algorithm selects the
active reference (Bits[1:0] are ignored).
01 = fallback mode. The active reference is the user reference (Bits[1:0]) as long as it is valid.
Otherwise, use the fully automatic priority-based algorithm to select the active reference.
10 = holdover mode. The active reference is the user reference (Bits[1:0]) as long as it is
valid. Otherwise, enter holdover mode.
11 = manual mode. The active reference is always the user reference (Bits[1:0]). When using
manual mode, be sure that the reference declared as the user reference (Bits[1:0]) is
programmed for manual reference-to-profile assignment in the appropriate manual
reference profile selection register (Address 0x0503 and Address 0x0506).
2
Unused
Unused. Write a 0 to this bit.
[1:0]
User reference selection
Input reference when user selection mode = 01, 10, or 11.
00 (default) = Input Reference A.
01 = Input Reference AA.
10 = Input Reference B.
11 = Input Reference BB.
Table 121. Cal/Sync
Address
Bit
Bit Name
Description
0x0A02
[7:2]
Unused
Unused.
1
Sync distribution
Setting this bit (default = 0) initiates synchronization of the clock distribution output. When
this bit = 1, the clock distribution output stalls. Synchronization occurs on the 1 to 0 transition of
this bit.
0
Calibrate SYSCLK
A 0 to 1 transition of this bit (default = 0), followed by an IO_UPDATE, initiates an internal
calibration of the SYSCLK PLL (assuming it is enabled). The calibration routine automatically
selects the proper VCO frequency band and signal amplitude. The internal system clock stalls
during the calibration procedure, disabling the device until the calibration is complete (a few
milliseconds). If the user wishes to recalibrate the SYSCLK PLL and this bit is already set to 1,
the user must first write a 0 to this bit, issue an IO_UPDATE, write a 1 to this bit, and issue
another IO_UPDATE.
Rev. G | Page 91 of 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com