Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 79 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 79 Page - Analog Devices

Back Button AD9547 Datasheet HTML 75Page - Analog Devices AD9547 Datasheet HTML 76Page - Analog Devices AD9547 Datasheet HTML 77Page - Analog Devices AD9547 Datasheet HTML 78Page - Analog Devices AD9547 Datasheet HTML 79Page - Analog Devices AD9547 Datasheet HTML 80Page - Analog Devices AD9547 Datasheet HTML 81Page - Analog Devices AD9547 Datasheet HTML 82Page - Analog Devices AD9547 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 106 page
background image
Data Sheet
AD9547
Register 0x0408 to Register 0x0417—Distribution Channel Dividers
Table 72. Q0 Divider1
Address
Bit
Bit Name
Description
0x0408
[7:0]
Q0
Q0 divider, Bits[7:0].
0x0409
[7:0]
Q0 divider, Bits[15:8].
0x040A
[7:0]
Q0 divider, Bits[23:16].
0x040B
[7:6]
Unused
Unused.
[5:0]
Q0
Q0 divider, Bits[29:24].
1
The default value is 0 (or divide by 1).
Table 73. Q1 Divider1
Address
Bit
Bit Name
Description
0x040C
[7:0]
Q1
Q1 divider, Bits[7:0].
0x040D
[7:0]
Q1 divider, Bits[15:8].
0x040E
[7:0]
Q1 divider, Bits[23:16].
0x040F
[7:6]
Unused
Unused.
[5:0]
Q1
Q1 divider, Bits[29:24].
1
The default value is 0 (or divide by 1).
Table 74. Reserved
Address
Bit
Bit Name
Description
0x0410 to
0x0417
[7:0]
Unused
Unused.
REFERENCE INPUT CONFIGURATION (REGISTER 0x0500 TO REGISTER 0x0507)
When all bits are set, the reference receiver section enters a deep sleep mode.
Table 75. Reference Power-Down
Address
Bit
Bit Name
Description
0x0500
[7:4]
Unused
Write a 1 to these bits.
3
Ref BB power-down
REF BB input receiver power-down.
0 (default) = normal operation.
1 = power-down.
2
Ref B power-down
REF B input receiver power-down.
0 (default) = normal operation.
1 = power-down.
1
Ref AA power-down
REF AA input receiver power-down.
0 (default) = normal operation.
1 = power-down.
0
Ref A power-down
REF A input receiver power-down.
0 (default) = normal operation.
1 = power-down.
Rev. G | Page 79 of 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com