Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9547 Datasheet HTML 4Page - Analog Devices AD9547 Datasheet HTML 5Page - Analog Devices AD9547 Datasheet HTML 6Page - Analog Devices AD9547 Datasheet HTML 7Page - Analog Devices AD9547 Datasheet HTML 8Page - Analog Devices AD9547 Datasheet HTML 9Page - Analog Devices AD9547 Datasheet HTML 10Page - Analog Devices AD9547 Datasheet HTML 11Page - Analog Devices AD9547 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
AD9547
Data Sheet
REFERENCE SWITCHOVER SPECIFICATIONS
Table 10.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
MAXIMUM OUTPUT PHASE
PERTURBATION (PHASE BUILD-OUT
SWITCHOVER)
40
200
ps
Assumes a jitter-free reference; satisfies
Telcordia GR-1244-CORE requirements
MAXIMUM TIME/TIME SLOPE
(HITLESS SWITCHOVER)
315
65,535
ns/sec
Minimum/maximum values are program-
mable upper bounds; a minimum value
ensures <10% error; satisfies Telcordia
GR-1244-CORE requirements
TIME REQUIRED TO SWITCH TO A NEW
REFERENCE
Hitless Switchover
5
NPDP
NPDP = nominal phase detector period
(NPDP = fREF/R)1
Phase Build-Out Switchover
3
NPDP
NPDP = nominal phase detector period
(NPDP = fREF/R)1
1
fREF is the frequency of the active reference; R is the frequency division factor determined by the R divider.
DISTRIBUTION CLOCK OUTPUTS (OUT0, OUT1)
Table 11.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL MODE
Using internal current setting resistor
(nominal 3.12 kΩ)
Maximum Output Frequency
725
MHz
Rise/Fall Time1 (20% to 80%)
180
315
ps
100 Ω termination across output pins
Duty Cycle
45
55
%
Differential Output Voltage Swing
630
770
910
mV
Magnitude of voltage across pins; output
driver static
Common-Mode Output Voltage
AVDD3 − 1.5
AVDD3 − 1.3
AVDD3 − 1.05
V
Output driver static
LVDS MODE
Using internal current setting resistor
(nominal 3.12 kΩ)
Maximum Output Frequency
725
MHz
Rise/Fall Time1 (20% to 80%)
200
350
ps
100 Ω termination across the output pins
Duty Cycle
40
60
%
Differential Output Voltage Swing
Balanced (VOD)
247
454
mV
Voltage swing between output pins;
output driver static
Unbalanced (ΔVOD)
50
mV
Absolute difference between voltage
swing of normal pin and inverted pin;
output driver static
Offset Voltage
Common Mode (VOS)
1.125
1.375
V
Output driver static
Common-Mode Difference (ΔVOS)
50
mV
Voltage difference between pins; output
driver static
Short-Circuit Output Current
13
24
mA
Output driver static
CMOS MODE
Weak drive option not supported for
operating the CMOS drivers using a 1.8 V
supply
Maximum Output Frequency
3.3 V Supply
10 pF load
Strong Drive Strength Setting
250
MHz
Weak Drive Strength Setting
25
MHz
1.8 V Supply
150
MHz
Rev. G | Page 8 of 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com