Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9547 Datasheet HTML 68Page - Analog Devices AD9547 Datasheet HTML 69Page - Analog Devices AD9547 Datasheet HTML 70Page - Analog Devices AD9547 Datasheet HTML 71Page - Analog Devices AD9547 Datasheet HTML 72Page - Analog Devices AD9547 Datasheet HTML 73Page - Analog Devices AD9547 Datasheet HTML 74Page - Analog Devices AD9547 Datasheet HTML 75Page - Analog Devices AD9547 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 106 page
background image
AD9547
Data Sheet
Table 47. Nominal System Clock (SYSCLK) Period1
Address
Bit
Bit Name
Description
0x0103
[7:0]
Nominal SYSCLK period
(expressed in fs)
System clock period, Bits[7:0].
0x0104
[7:0]
System clock period, Bits[15:8].
0x0105
[7:5]
Unused
Unused.
[4:0]
Nominal SYSCLK period
System clock period, Bits[20:16].
1
Units are femtoseconds (fs). The default value is 0x0F424 = 1,000,000 (1 ns) and implies a system clock frequency of 1 GHz.
Table 48. System Clock Stability Period1
Address
Bit
Bit Name
Description
0x0106
[7:0]
SYSCLK stability period
(expressed in ms)
System clock stability period, Bits[7:0] (default = 0x01).
0x0107
[7:0]
System clock stability period, Bits[15:8] (default = 0x00).
0x0108
[7:4]
Unused
Unused.
[3:0]
SYSCLK stability period
System clock stability period, Bits[19:16] (default = 0x0)
(default period = 0x00001, or 1 ms).
1
Units are milliseconds (ms). The default value is 0x00001 = 1 (1 ms).
GENERAL CONFIGURATION (REGISTER 0x0200 TO REGISTER 0x0214)
Register 0x0200 to Register 0x0207—Multifunction Pin Control (M0 to M7)
Table 49. Multifunction Pin (M0 to M7) Control1
Address
Bit
Bit Name
Description
0x0200
7
M0 in/out
In/out control for the M0 pin.
0 (default) = input (control pin).
1 = output (status pin).
[6:0]
M0 function
See Table 25 and Table 26 (default = 0xb0000000).
0x0201
7
M1 in/out
In/out control for the M1 pin (same as M0).
[6:0]
M1 function
See Table 25 and Table 26 (default = 0xb0000000).
0x0202
7
M2 in/out
In/out control for the M2 pin (same as M0).
[6:0]
M2 function
See Table 25 and Table 26 (default = 0xb0000000).
0x0203
7
M3 in/out
In/out control for the M3 pin (same as M0).
[6:0]
M3 function
See Table 25 and Table 26 (default = 0xb0000000).
0x0204
7
M4 in/out
In/out control for the M4 pin (same as M0).
[6:0]
M4 function
See Table 25 and Table 26 (default = 0xb0000000).
0x0205
7
M5 in/out
In/out control for the M5 pin (same as M0).
[6:0]
M5 function
See Table 25 and Table 26 (default = 0xb0000000).
0x0206
7
M6 in/out
In/out control for the M6 pin (same as M0).
[6:0]
M6 function
See Table 25 and Table 26 (default = 0xb0000000).
0x0207
7
M7 in/out
In/out control for the M7 pin (same as M0).
[6:0]
M7 function
See Table 25 and Table 26 (default = 0xb0000000).
1
The default setting for all the multifunction pins is as an unused control input pin.
Table 50. IRQ Pin Output Mode
Address
Bit
Bit Name
Description
0x0208
[7:2]
Unused
Unused.
[1:0]
IRQ pin output mode
Select the output mode of the IRQ pin.
00 (default) = NMOS, open drain (requires an external pull-up resistor).
01 = PMOS, open drain (requires an external pull-down resistor).
10 = CMOS, active high.
11 = CMOS, active low.
Rev. G | Page 72 of 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com