Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 93 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 93 Page - Analog Devices

Back Button AD9547 Datasheet HTML 89Page - Analog Devices AD9547 Datasheet HTML 90Page - Analog Devices AD9547 Datasheet HTML 91Page - Analog Devices AD9547 Datasheet HTML 92Page - Analog Devices AD9547 Datasheet HTML 93Page - Analog Devices AD9547 Datasheet HTML 94Page - Analog Devices AD9547 Datasheet HTML 95Page - Analog Devices AD9547 Datasheet HTML 96Page - Analog Devices AD9547 Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 106 page
background image
Data Sheet
AD9547
Table 126. IRQ Clearing for History Update, Frequency Limit, and Phase Slew Limit
Address
Bit
Bit Name
Description
0x0A07
[7:5]
Unused
Unused.
4
History updated
Clears history updated IRQ.
3
Frequency unclamped
Clears frequency unclamped IRQ.
2
Frequency clamped
Clears frequency clamped IRQ.
1
Phase slew unlimited
Clears phase slew unlimited IRQ.
0
Phase slew limited
Clears phase slew limited IRQ.
Table 127. IRQ Clearing for Reference Inputs
Address
Bit
Bit Name
Description
0x0A08
7
Ref AA new profile
Clears Ref AA new profile IRQ.
6
Ref AA validated
Clears Ref AA validated IRQ.
5
Ref AA fault cleared
Clears Ref AA fault cleared IRQ.
4
Ref AA fault
Clears Ref AA fault IRQ.
3
Ref A new profile
Clears Ref A new profile IRQ.
2
Ref A validated
Clears Ref A validated IRQ.
1
Ref A fault cleared
Clears Ref A fault cleared IRQ.
0
Ref A fault
Clears Ref A fault IRQ.
0x0A09
7
Ref BB new profile
Clears Ref BB new profile IRQ.
6
Ref BB validated
Clears Ref BB validated IRQ.
5
Ref BB fault cleared
Clears Ref BB fault cleared IRQ.
4
Ref BB fault
Clears Ref BB fault IRQ.
3
Ref B new profile
Clears Ref B new profile IRQ.
2
Ref B validated
Clears Ref B validated IRQ.
1
Ref B fault cleared
Clears Ref B fault cleared IRQ.
0
Ref B fault
Clears Ref B fault IRQ.
0x0A0A
[7:0]
Unused
Unused.
0x0A0B
[7:0]
Table 128. Incremental Phase Offset Control
Address
Bit
Bit Name
Description
0x0A0C
[7:3]
Unused
Unused.
2
Reset phase offset
Resets the incremental phase offset to 0. This is an autoclearing bit.
1
Decrement phase
offset
Decrements the incremental phase offset by the amount specified in the incremental
phase lock offset step size register (Register 0x0314 to Register 0x0315).
This is an autoclearing bit.
0
Increment phase
offset
Increments the incremental phase offset by the amount specified in the incremental phase
lock offset step size register (Register 0x0314 to Register 0x0315).
This is an autoclearing bit.
Table 129. Reference Profile Selection State Machine Startup1
Address
Bit
Bit Name
Description
0x0A0D
[7:4]
Unused
Unused.
3
Detect BB
Setting this bit starts the profile selection state machine for Input Reference BB.
2
Detect B
Setting this bit starts the profile selection state machine for Input Reference B.
1
Detect AA
Setting this bit starts the profile selection state machine for Input Reference AA.
0
Detect A
Setting this bit starts the profile selection state machine for Input Reference A.
1
All bits in this register are autoclearing.
Rev. G | Page 93 of 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com