Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 202 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 202 Page - NEC

Back Button D17133CS Datasheet HTML 198Page - NEC D17133CS Datasheet HTML 199Page - NEC D17133CS Datasheet HTML 200Page - NEC D17133CS Datasheet HTML 201Page - NEC D17133CS Datasheet HTML 202Page - NEC D17133CS Datasheet HTML 203Page - NEC D17133CS Datasheet HTML 204Page - NEC D17133CS Datasheet HTML 205Page - NEC D17133CS Datasheet HTML 206Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 289 page
background image
CHAPTER 18
INSTRUCTION SET
187
18.3 LIST OF THE INSTRUCTION SET
Group
Mnemonic Operand
Operation
Add
ADD
r, m
(r)
← (r) + (m)
00000
mR
mC
r
m, #n4
(m)
← (m) + n4
10000
mR
mC
n4
ADDC
r, m
(r)
← (r) + (m) + CY
00010
mR
mC
r
m, #n4
(m)
← (m) + n4 + CY
10010
mR
mC
n4
INC
AR
AR
← AR + 1
00111
000
1001
0000
IX
IX
← IX + 1
00111
000
1000
0000
Subtract
SUB
r, m
(r)
← (r) – (m)
00001
mR
mC
r
m, #n4
(m)
← (m) – n4
10001
mR
mC
n4
SUBC
r, m
(r)
← (r) – (m) –CY
00011
mR
mC
r
m, #n4
(m)
← (m) – n4 –CY
10011
mR
mC
n4
Logical
OR
r, m
(r)
← (r)
(m)
00110
mR
mC
r
Operation
m, #n4
(m)
← (m) n4
10110
mR
mC
n4
AND
r, m
(r)
← (r)
(m)
00100
mR
mC
r
m, #n4
(m)
← (m)
n4
10100
mR
mC
n4
XOR
r, m
(r)
← (r)
(m)
00101
mR
mC
r
m, #n4
(m)
← (m)
n4
10101
mR
mC
n4
Test
SKT
m, #n
CMP
← 0, if (m) n=n, then skip
11110
mR
mC
n
SKF
m, #n
CMP
← 0, if (m) n=0, then skip
11111
mR
mC
n
Compare
SKE
m, #n4
(m) –n4, skip if zero
01001
mR
mC
n4
SKNE
m, #n4
(m) –n4, skip if not zero
01011
mR
mC
n4
SKGE
m, #n4
(m) –n4, skip if not borrow
11001
mR
mC
n4
SKLT
m, #n4
(m) –n4, skip if borrow
11011
mR
mC
n4
Rotate
RORC
r
CY
→ (r)b3 → (r)b2 → (r)b1 → (r)b0
00111
000
0111
r
Transfer
LD
r, m
(r)
← (m)
01000
mR
mC
r
ST
m, r
(m)
← (r)
11000
mR
mC
r
MOV
@r, m
if MPE = 1: (MP, (r))
← (m)
01010
mR
mC
r
if MPE = 0: (BANK, mR, (r))
← (m)
m, @r
if MPE = 1: (m)
← (MP, (r))
11010
mR
mC
r
if MPE = 0: (m)
← (BANK, mR, (r))
m, #n4
(m)
← n4
11101
mR
mC
n4
MOVTNote DBF, @AR SP
← SP–1, ASR ← PC, PC ← AR,
00111
000
0001
0000
DBF
← (PC), PC ← ASR,
SP
← SP+1
Note As an exception, execution of MOVT instruction requires two instruction cycles.
Machine Code
OP Code
Operand



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com