Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 203 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 203 Page - NEC

Back Button D17133CS Datasheet HTML 199Page - NEC D17133CS Datasheet HTML 200Page - NEC D17133CS Datasheet HTML 201Page - NEC D17133CS Datasheet HTML 202Page - NEC D17133CS Datasheet HTML 203Page - NEC D17133CS Datasheet HTML 204Page - NEC D17133CS Datasheet HTML 205Page - NEC D17133CS Datasheet HTML 206Page - NEC D17133CS Datasheet HTML 207Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 289 page
background image
CHAPTER 18
INSTRUCTION SET
188
Group
Mnemonic Operand
Operation
Transfer
PUSH
AR
SP
← SP – 1, ASR ← AR
00111
000
1101
0000
POP
AR
AR
← ASR, SP ← SP + 1
00111
000
1100
0000
PEEK
WR, rf
WR
← (rf)
00111
rfR
0011
rfC
POKE
rf, WR
(rf)
← WR
00111
rfR
0010
rfC
GET
DBF, p
DBF
← (p)
00111
PH
1011
PL
PUT
p, DBF
(p)
← DBF
00111
PH
1010
PL
Branch
BR
addr
PC
← addr
01100
addr
@AR
PC
← AR
00111
000
0100
0000
Sub-
CALL
addr
SP
← SP – 1, ASR ← PC,
11100
addr
routine
PC
← addr
@AR
SP
← SP – 1, ASR ← PC,
00111
000
0101
0000
PC
← AR
RET
PC
← ASR, SP ← SP+1
00111
000
1110
0000
RETSK
PC
← ASR, SP ← SP+1 and skip
00111
001
1110
0000
RETI
PC
← ASR, INTR ← INTSK, SP ← SP+1
00111
100
1110
0000
Interrupt
EI
INTEF
← 1
00111
000
1111
0000
DI
INTEF
← 0
00111
001
1111
0000
Others
STOP
s
STOP
00111
010
1111
s
HALT
h
HALT
00111
011
1111
h
NOP
No operation
00111
100
1111
0000
18.4 ASSEMBLER (AS17K) MACRO INSTRUCTIONS
Legend
flag n
: FLG symbol
<
>
: Can be omitted
Mnemonic
Operand
Operation
n
Macro
SKTn
flag 1, …flag n
if (flag 1) ~ (flag n)=all "1" then skip
1
≤n≤4
Instructions
SKFn
flag 1, …flag n
if (flag 1) ~ (flag n)=all "0", then skip
1
≤n≤4
SETn
flag 1, …flag n
(flag 1) ~ (flag n)
← 1
1
≤n≤4
CLRn
flag 1, …flag n
(flag 1) ~ (flag n)
← 0
1
≤n≤4
NOTn
flag 1, …flag n
if (flag n)="0", then (flag n)
← 11≤n≤4
if (flag n)="1", then (flag n)
← 0
INITFLG
<NOT> flag 1,
if description=NOT flag n, then (flag n)
← 01≤n≤4
… <<NOT> flag n>
if description=flag n, then (flag n)
← 1
BANKn
(BANK)
← n
n=0
Machine Code
OP Code
Operand



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com