Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 120 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 120 Page - NEC

Back Button D17133CS Datasheet HTML 116Page - NEC D17133CS Datasheet HTML 117Page - NEC D17133CS Datasheet HTML 118Page - NEC D17133CS Datasheet HTML 119Page - NEC D17133CS Datasheet HTML 120Page - NEC D17133CS Datasheet HTML 121Page - NEC D17133CS Datasheet HTML 122Page - NEC D17133CS Datasheet HTML 123Page - NEC D17133CS Datasheet HTML 124Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 289 page
background image
CHAPTER 12 PORTS
12.1 PORT 0A (P0A0, P0A1, P0A2, P0A3)
Port 0A is a 4-bit input/output port with an output latch. It is mapped into address 70H of BANK0 in data memory.
The output format is CMOS push-pull output.
Input or output can be specified in each bit. Input/output is specified by P0ABIO0 to P0ABIO3 (address 35H) in
the register file.
When P0ABIOn is 0 (n=0 to 3), each pin of port 0A is used as input port. If a read instruction is executed for the
port register, pin statuses are read.
When P0ABIOn is 1 (n=0 to 3), each pin of port 0A is used as output port and the contents written in the output
latch are output to pins. If a read instruction is executed when pins are output ports, the contents of the output latch,
rather than pin statuses, are fetched.
At reset, P0ABIOn is set to 0 and all P0A pins become input ports. The contents of the port output latch are 0.
Table 12-1. Writing into and Reading from the Port Register (0.70H)
BANK0 70H
Write
Read
0
Input
P0A pin status
1
Output
P0A latch contents
P0ABIOn
RF: 35H
Pin Input/Output
Possible
Write to the P0A
latch
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com