Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 122 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 122 Page - NEC

Back Button D17133CS Datasheet HTML 118Page - NEC D17133CS Datasheet HTML 119Page - NEC D17133CS Datasheet HTML 120Page - NEC D17133CS Datasheet HTML 121Page - NEC D17133CS Datasheet HTML 122Page - NEC D17133CS Datasheet HTML 123Page - NEC D17133CS Datasheet HTML 124Page - NEC D17133CS Datasheet HTML 125Page - NEC D17133CS Datasheet HTML 126Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 289 page
background image
CHAPTER 12
PORTS
107
12.3 PORT 0C (P0C0, P0C1, P0C2, P0C3) ... in the case of the
µPD17120 and 17121
Port 0C is a 4-bit input/output port with an output latch. It is mapped into address 72H of BANK0 in data memory.
The output format is CMOS push-pull output.
Input or output can be specified bit-by-bit. Input/output can be specified by P0CBIO0 to P0CBIO3 (address 34H)
in the register file.
If P0CBIOn is 0 (n=0 to 3), the P0Cn pins are used as input port. If a data read instruction is executed for the
port register, the pin statuses are read. If P0CBIOn is 1 (n=0 to 3), the P0Cn pins are used as output port and the
contents written in the output latch are output to pins. If a read instruction is executed when pins are used as output
ports, the contents of the latch, rather than pin statuses, are fetched.
At reset, P0CBIO0 to P0CBIO3 are 0 and all P0C pins are input ports. The contents of the port output latch are
0.
Table 12-3. Writing/reading to/from Port Register (0.72H) (
µPD17120, 17121)
(n=0 to 3)
BANK0 72H
Write
Read
0
Input
Status of P0C pin
1
Output
Contents of P0C latch
P0CBIOn
RF: 34H
Pin Input/Output
Possible
Write to the P0C
latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com