Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 125 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 125 Page - NEC

Back Button D17133CS Datasheet HTML 121Page - NEC D17133CS Datasheet HTML 122Page - NEC D17133CS Datasheet HTML 123Page - NEC D17133CS Datasheet HTML 124Page - NEC D17133CS Datasheet HTML 125Page - NEC D17133CS Datasheet HTML 126Page - NEC D17133CS Datasheet HTML 127Page - NEC D17133CS Datasheet HTML 128Page - NEC D17133CS Datasheet HTML 129Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 289 page
background image
CHAPTER 12
PORTS
110
Table 12-5. Register File Contents and Pin Functions
(n=0 to 3)
Register File Value
Pin Function
TMOSEL
SIOEN
P0DBIOn
RF: 12H
RF: 0AH
RF: 33H
P0D0/SCK
P0D1/SO
P0D2/SI
P0D3/TMOUT
Bit 0
Bit 0
Bit n
0
Input port
1
Output port
0
Input port
1
Output port
0
Input port
1
Output port
0
1
Table 12-6. Contents Read from the Port Register (0.73H)
Port Mode
Contents Read from the Port Register (0.73H)
Input port
Pin status
Output port
Output latch contents
An internal clock is selected as a serial clock.
Output latch contents
An external clock is selected as a serial clock.
Pin status
SI
Pin status
SO
Not defined
TMOUT
Output latch contents
Caution Using the serial interface causes the output latch for the P0D1/SO pin to be affected by the
contents of the SIOSFR (shift register). So, reset the output latch before using the pin as output
port.
0
1
0
1
0
1
SCK
SO
SI
SCK
SO
SI
TMOUT
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com