Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 128 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 128 Page - NEC

Back Button D17133CS Datasheet HTML 124Page - NEC D17133CS Datasheet HTML 125Page - NEC D17133CS Datasheet HTML 126Page - NEC D17133CS Datasheet HTML 127Page - NEC D17133CS Datasheet HTML 128Page - NEC D17133CS Datasheet HTML 129Page - NEC D17133CS Datasheet HTML 130Page - NEC D17133CS Datasheet HTML 131Page - NEC D17133CS Datasheet HTML 132Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 289 page
background image
CHAPTER 12
PORTS
113
12.7 PORT CONTROL REGISTER
12.7.1 Input/Output Switching by Group I/O
Ports which switch input/output in units of four bits are called group I/O. Port 0B is used as group I/O. The register
shown in the figure below is used for input/output switching.
Figure 12-2. Input/Output Switching by Group I/O
RF: 24H
Read/write
Initial value when reset
Bit 3
0
0
R/W
Read=R, write=W
P0BGIO
0
1
Function
Sets Port 0B to input mode.
Sets Port 0B to output mode.
Bit 2
0
0
Bit 1
0
0
Bit 0
P0BGIO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com