Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 121 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 121 Page - NEC

Back Button D17133CS Datasheet HTML 117Page - NEC D17133CS Datasheet HTML 118Page - NEC D17133CS Datasheet HTML 119Page - NEC D17133CS Datasheet HTML 120Page - NEC D17133CS Datasheet HTML 121Page - NEC D17133CS Datasheet HTML 122Page - NEC D17133CS Datasheet HTML 123Page - NEC D17133CS Datasheet HTML 124Page - NEC D17133CS Datasheet HTML 125Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 289 page
background image
CHAPTER 12
PORTS
106
12.2 PORT 0B (P0B0, P0B1, P0B2, P0B3)
Port 0B is a 4-bit input/output port with an output latch. It is mapped into address 71H of BANK0 in data memory.
The output format is CMOS push-pull output.
Input or output can be specified in 4-bit units. Input/output is specified by P0BGIO (bit 0 at address 24H) in the
register file.
When P0BGIO is 0, all pins of port 0B are used as input ports. If a read instruction is executed for the port register,
pin statuses are read.
When P0BGIO is 1, all pins of port 0B are used as output ports. The contents written in the output latch are output
to pins. If a read instruction is executed when pins are used as output ports, the contents of the output latch, rather
than pin statuses, are fetched.
At reset, P0BGIO is 0 and all P0B pins are input ports. The value of the port 0B output latch is 0.
Table 12-2. Writing into and Reading from the Port Register (0.71H)
BANK0 71H
Write
Read
0
Input
P0B pin status
1
Output
P0B latch contents
P0BGIO
RF: 24H, bit 0
Pin Input/Output
Possible
Write to the P0B
latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com