Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 154 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 154 Page - NEC

Back Button D17133CS Datasheet HTML 150Page - NEC D17133CS Datasheet HTML 151Page - NEC D17133CS Datasheet HTML 152Page - NEC D17133CS Datasheet HTML 153Page - NEC D17133CS Datasheet HTML 154Page - NEC D17133CS Datasheet HTML 155Page - NEC D17133CS Datasheet HTML 156Page - NEC D17133CS Datasheet HTML 157Page - NEC D17133CS Datasheet HTML 158Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 289 page
background image
CHAPTER 13
PERIPHERAL HARDWARE
139
Figure 13-15. Serial Interface Control Register (1/2)
RF: 1AH
Read = R, write = W
SIOCK1
0
0
1
1
SIOCK0
0
1
0
1
Serial Clock Selection
External clock (SCK pin)
fX/16
fX/128
fX/1024
Function Selection of the P0D1/SO pin
Serial data output (SO pin)
Input port (P0D1 pin)
Confirmation of Shift Register Operation Status
(at Reading)
The shift register is in the stop status.
The shift register is operating.
Start and Stop of Serial Transmission (at Writing)
Forced termination of the shift register.
Disables intermediate restart.
Start of shift register operation
• At internal clock selection
Starts operating internal devided signal of a
system clock (fX) as a serial clock
• At external clock selection
Starts operation in synchronization with an SCK
pin falling edge.
SIOHIZ
0
1
SIOTS
0
1
Remark SIOTS is automatically cleared to 0 when serial
transmission is completed.
Read/write
Initial value when reset
Bit 3
SIOTS
0
Bit 2
SIOHIZ
0
Bit 1
SIOCK1
0
Bit 0
SIOCK0
0
R/W
SIOTS
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com