| Electronic Components Datasheet Search |
|
D17133CS Datasheet(PDF) 152 Page - NEC |
|
|
|||||||||||||||||||||||||||||
D17133CS Datasheet(HTML) 152 Page - NEC |
|
152 / 289 page ![]() CHAPTER 13 PERIPHERAL HARDWARE 137 13.3.2 3-wire Serial Interface Operation Modes Two modes can be used for the serial interface. If the serial interface function is selected, the P0D2/SI pin always takes in data in synchronization with the serial clock. • 8-bit send/receive mode (concurrent send/receive) • 8-bit receive mode (SO pin: high-impedance state) Table 13-3. Serial Interface's Operation Mode SIOEN SIOHIZ P0D2/SI pin P0D1/SO pin Serial Interface Operation Mode 1 0 SI SO 8-bit send/receive mode 1 1 SI P0D1 (input) 8-bit receive mode 0 × P0D2 (input/output) P0D1 (input/output) General-purpose port mode ×: Don't care (1) 8-bit transmission and reception mode (simultaneous transmission and reception) Serial data input/output is controlled by a serial clock. The MSB of the shift register is output from the SO line with a falling edge of the serial clock (SCK). The contents of the shift register is shifted one bit and at the same time, data on the SI line is loaded into the LSB of the shift register. The serial clock counter counts serial clock pulses. Every time it counts eight clocks, the interrupt request flag is set (IRQSIO ← 1). Figure 13-13. Timing of 8-Bit Transmission and Reception Mode (Simultaneous Transmission Reception) 1 2 3 4 56 78 DI7 DI6 DI5 DI4 DI3 DI2 DI1 DI0 DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 SCK pin SO pin IRQSIO SI pin Transmission starts in synchronization with the SCK pin falling edge. An instruction which writes 1 into SIOTS is executed. (Transmission start indication) Transmission completion Remark DIn : Serial input data DOn : Serial output data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |