Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 149 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 149 Page - NEC

Back Button D17133CS Datasheet HTML 145Page - NEC D17133CS Datasheet HTML 146Page - NEC D17133CS Datasheet HTML 147Page - NEC D17133CS Datasheet HTML 148Page - NEC D17133CS Datasheet HTML 149Page - NEC D17133CS Datasheet HTML 150Page - NEC D17133CS Datasheet HTML 151Page - NEC D17133CS Datasheet HTML 152Page - NEC D17133CS Datasheet HTML 153Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 289 page
background image
CHAPTER 13
PERIPHERAL HARDWARE
134
Figure 13-11. Comparator Operation Control Register
RF: 1EH
Read/write
Initial value when reset
Read = R, write = W
Comparator Operation Comparison Result
When the voltage from analog input (Cin0 to Cin3) is lower
than the external/internal reference voltage
When the voltage from analog input (Cin0 to Cin3) is
higher than the external/internal reference voltage
CMPSTRT
0
1
CMPRSLT
0
1
Comparator Operation Check (at Reading)
Comparator Operation Start (at Writing)
During comparator operation is stopped or comparator voltage
comparison operation is completed
During comparator is operating
Invalid
Start comparator operation
Remark
CMPSTRT is cleared to 0 only when the comparator voltage com-
parison operation is completed or STOP instruction is executed.
CMPSTRT
0
1
Bit 3
0
0
Bit 2
0
R/W
0
Bit 1
CMPSTRT
0
Bit 0
CMPRSLT
R
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com