Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 146 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 146 Page - NEC

Back Button D17133CS Datasheet HTML 142Page - NEC D17133CS Datasheet HTML 143Page - NEC D17133CS Datasheet HTML 144Page - NEC D17133CS Datasheet HTML 145Page - NEC D17133CS Datasheet HTML 146Page - NEC D17133CS Datasheet HTML 147Page - NEC D17133CS Datasheet HTML 148Page - NEC D17133CS Datasheet HTML 149Page - NEC D17133CS Datasheet HTML 150Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 289 page
background image
CHAPTER 13
PERIPHERAL HARDWARE
131
13.2 COMPARATOR (
µPD17132, 17133, 17P132, AND 17P133 ONLY)
The comparator of the
µPD17132, 17133, 17P132, and 17P133 compares the analog input (Cin0 to Cin3) and reference
voltage (external: 1 type, internal: 15 types) and stores the comparison result to CMPRSLT (RF: 1EH, bit 0).
The comparator can also be used as a 4-bit A/D converter by software using 15 types of internal reference voltage.
13.2.1 Configuration of Comparator
Figure 13-8. Configuration of Comparator
Remark
The sampling time of an analog input is as follows:
µPD17132, 17P132:
8/fCC (4
µs, at 2 MHz)
µPD17133, 17P133:
28/fX (3.5
µs, at 8 MHz)
RF : 1CH
CMPCH1 CMPCH1
0
0
RF : 1DH
CMPVREF1 CMPVREF2
RF : 1EH
CMPSTRT CMPRSLT
0
0
Control
circuit
POC0/Cin0
POC1/Cin1
POC2/Cin2
POC3/Cin3
Comparator
CMPVREF0
CMPVREF3
Internal bus
R
R
× 16
R
POE1/Vref
100pF MAX.
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com