Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 142 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 142 Page - NEC

Back Button D17133CS Datasheet HTML 138Page - NEC D17133CS Datasheet HTML 139Page - NEC D17133CS Datasheet HTML 140Page - NEC D17133CS Datasheet HTML 141Page - NEC D17133CS Datasheet HTML 142Page - NEC D17133CS Datasheet HTML 143Page - NEC D17133CS Datasheet HTML 144Page - NEC D17133CS Datasheet HTML 145Page - NEC D17133CS Datasheet HTML 146Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 289 page
background image
CHAPTER 13
PERIPHERAL HARDWARE
127
Figure 13-6. Reading 8-Bit Counter Count Values
The timer counter value is F0H.
GET DBF, TMC; Example of using reserved words DBF and TMC
Data Buffer
DBF3
Retained
8-bit data
GET DBF, TMC
b7
1
b5
1
b4
1
b3
0
b2
0
b1
0
b0
0
b6
1
b0
0
b1
0
b2
0
b3
0
b0
1
b1
1
b2
1
b3
1
b0
b1
b2
b3
b0
b1
b2
b3
DBF2
Retained
DBF1
DBF0
TMC (Peripheral Address 02H)
Count value
(2) Program example
• Measuring pulse width input from INT pin (system clock: fX=8 MHz)
The following is an example of measuring generation interval of external interrupt from INT pin by using
timer. At this time the pulse width from INT pin should be within the count-up time of timer.
(Program example)
CNTTMH
MEM
0.30H
; Symbol definition of save area of count value
CNTTML
MEM
0.31H
;
ORG
00H
; Specifies vector address of interrupt
BR
MAIN
;
ORG
03H
;
BR
INTJOB
;
:
:
:
:
INITIAL:
INITFLG
IP, NOT IPTM, NOT IPSIO
; Prohibits interrupts other than external interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com