Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 145 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 145 Page - NEC

Back Button D17133CS Datasheet HTML 141Page - NEC D17133CS Datasheet HTML 142Page - NEC D17133CS Datasheet HTML 143Page - NEC D17133CS Datasheet HTML 144Page - NEC D17133CS Datasheet HTML 145Page - NEC D17133CS Datasheet HTML 146Page - NEC D17133CS Datasheet HTML 147Page - NEC D17133CS Datasheet HTML 148Page - NEC D17133CS Datasheet HTML 149Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 289 page
background image
CHAPTER 13
PERIPHERAL HARDWARE
130
13.1.9 Timer Resolution and Maximum Setting Time
Table 13-1 shows the timer resolution in each source clock and maximum setting time.
Table 13-1. Timer Resolution and Maximum Setting Time
Mode Register
Timer
TMCK1
TMCK0
Resolution
Maximum Setting Time
0
0
32
µs
8.192 ms
0
1
4
µs
1.024 ms
1
0
256
µs
65.536 ms
1
1
INT pin Note 2
0
0
approx. 61.1
µs
approx. 15.6 ms
0
1
approx. 7.64
µs
approx. 1.9 ms
1
0
approx. 489
µs
approx. 125 ms
1
1
INT pin Note 2
0
0
128
µs
32.768 ms
0
1
16
µs
4.096 ms
1
0
1.024 ms
262.144 ms
1
1
INT pin Note 2
0
0
512
µs
131.072 ms
0
1
64
µs
16.384 ms
1
0
4.096 ms
1.048576 s
1
1
INT pin Note 2
Notes
1. The guaranteed frequency range of oscillation for the
µPD17120/17132/17P132 is fCC=400 kHz to
2.4 MHz.
2. High/low level width of INT pin is 10
µs (MIN.) when VDD=4.5 to 5.5 V, and 50 µs (MIN.) when VDD=2.7
to 5.5 V. Refer to Data Sheet for detailed information.
System Clock
At 8 MHz Note1
At 4.19 MHz Note1
At 2 MHz
At 500 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com