Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 144 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 144 Page - NEC

Back Button D17133CS Datasheet HTML 140Page - NEC D17133CS Datasheet HTML 141Page - NEC D17133CS Datasheet HTML 142Page - NEC D17133CS Datasheet HTML 143Page - NEC D17133CS Datasheet HTML 144Page - NEC D17133CS Datasheet HTML 145Page - NEC D17133CS Datasheet HTML 146Page - NEC D17133CS Datasheet HTML 147Page - NEC D17133CS Datasheet HTML 148Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 289 page
background image
CHAPTER 13
PERIPHERAL HARDWARE
129
13.1.8 Timer Output
The P0D3/TMOUT pin functions as a timer match signal output pin when the TMOSEL flag is set to 1. The P0DBIO3
value has nothing to do with this setting.
Timer contains a match signal output flip-flop. It reverses the output each time the comparator outputs a match
signal. When the TMOSEL flag is set to 1, the contents of this flip-flop are output to the P0D3/TMOUT pin.
The P0D3/TMOUT pin is an N-ch open-drain output pin. The mask option enables this pin to contain a pull-up
resistor. If this pin does not contain a pull-up resistor, its initial status is high impedance.
An internal timer output flip-flop starts operating when TMEN is set to 1. To make the flip-flop start output
beginning at an initial value, set 1 in TMRES and reset the flip-flop.
Remark
The
µPD17P132 and 17P133 have no mask option resistor.
Figure 13-7. Timer Output Control Mode Register
RF: 12H
Read/write
Initial value when reset
Bit 3
0
0
Bit 2
0
0
Bit 1
0
0
Bit 0
TMOSEL
0
R/W
Read=R, write=W
Timer Output Control
P0D3 /TMOUT pin functions as port.
P0D3 /TMOUT pin functions as timer match
signal output.
TMOSEL
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com